Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD1013SQ Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # QPD1013SQ
Description  150W, 65V, DC ??2.7 GHz, GaN RF Transistor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD1013SQ Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button QPD1013SQ Datasheet HTML 3Page - TriQuint Semiconductor QPD1013SQ Datasheet HTML 4Page - TriQuint Semiconductor QPD1013SQ Datasheet HTML 5Page - TriQuint Semiconductor QPD1013SQ Datasheet HTML 6Page - TriQuint Semiconductor QPD1013SQ Datasheet HTML 7Page - TriQuint Semiconductor QPD1013SQ Datasheet HTML 8Page - TriQuint Semiconductor QPD1013SQ Datasheet HTML 9Page - TriQuint Semiconductor QPD1013SQ Datasheet HTML 10Page - TriQuint Semiconductor QPD1013SQ Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
QPD1013
150W, 65V, DC
– 2.7 GHz, GaN RF Transistor
Rev. A
- 7 of 25 -
Disclaimer: Subject to change without notice
© 2017 Qorvo
www.qorvo.com
Thermal and Reliability Information - Pulsed
Parameter
Conditions
Values
Units
Thermal Resistance (θJC)
85 °C Case
90 W Pdiss, Pulsed 100us 10% DC
2.0
°C/W
Maximum Channel Temperature (TCH)
200
°C
Median Lifetime (TM)
4.0E8
Hrs
Thermal Resistance (θJC)
85 °C Case
100 W Pdiss, Pulsed 100us 10% DC
1.7
°C/W
Maximum Channel Temperature (TCH)
215
°C
Median Lifetime (TM)
1.0E8
Hrs
Thermal Resistance (θJC)
85 °C Case
110 W Pdiss, Pulsed 100us 10% DC
1.5
°C/W
Maximum Channel Temperature (TCH)
232
°C
Median Lifetime (TM)
3.0E7
Hrs
Thermal Resistance (θJC)
85 °C Case
120 W Pdiss, Pulsed 100us 10% DC
1.4
°C/W
Maximum Channel Temperature (TCH)
251
°C
Median Lifetime (TM)
8.0E6
Hrs


Similar Part No. - QPD1013SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1013SQ QORVO-QPD1013SQ Datasheet
2Mb / 25P
   150W, 65V, DC – 2.7 GHz, GaN RF Transistor
2017
More results

Similar Description - QPD1013SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1013 QORVO-QPD1013 Datasheet
2Mb / 25P
   150W, 65V, DC – 2.7 GHz, GaN RF Transistor
2017
QPD1018 QORVO-QPD1018 Datasheet
1Mb / 16P
   500W, 50V, 2.7 – 3.1 GHz, GaN RF IMFET
Aug 24, 2018
QPD1881L QORVO-QPD1881L Datasheet
1Mb / 18P
   400 W, 50 V, 2.7 ??2.9 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
QPD1018 TRIQUINT-QPD1018 Datasheet
1Mb / 17P
   500W, 50V, 2.7 ??3.1 GHz, GaN RF IMFET
logo
Qorvo, Inc
QPD1009 QORVO-QPD1009 Datasheet
1Mb / 28P
   15W, 50V, DC ??4 GHz, GaN RF Transistor
2019
QPD1015 QORVO-QPD1015 Datasheet
1Mb / 27P
   65W, 50V, DC ??3.7 GHz, GaN RF Transistor
2016
QPD1022 QORVO-QPD1022 Datasheet
2Mb / 22P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
February 2022
logo
TriQuint Semiconductor
QPD1022 TRIQUINT-QPD1022 Datasheet
2Mb / 23P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
logo
Qorvo, Inc
QPD1008L QORVO-QPD1008L Datasheet
1Mb / 20P
   125W, 50V, DC ??3.2 GHz, GaN RF Transistor
October 2021
QPD1015L QORVO-QPD1015L Datasheet
1Mb / 27P
   65W, 50V, DC ??3.7 GHz, GaN RF Transistor
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com