Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD1020S2 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # QPD1020S2
Description  2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD1020S2 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button QPD1020S2 Datasheet HTML 6Page - TriQuint Semiconductor QPD1020S2 Datasheet HTML 7Page - TriQuint Semiconductor QPD1020S2 Datasheet HTML 8Page - TriQuint Semiconductor QPD1020S2 Datasheet HTML 9Page - TriQuint Semiconductor QPD1020S2 Datasheet HTML 10Page - TriQuint Semiconductor QPD1020S2 Datasheet HTML 11Page - TriQuint Semiconductor QPD1020S2 Datasheet HTML 12Page - TriQuint Semiconductor QPD1020S2 Datasheet HTML 13Page - TriQuint Semiconductor QPD1020S2 Datasheet HTML 14Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
QPD1020
2.7 – 3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
Datasheet Rev. B, Sept. 18, 2017 | Subject to change without notice
- 10 of 22 -
www.qorvo.com
2-Tone 2.9 GHz Performance At 25°C Of 2.7 – 3.1 GHz EVB1, 2
Notes:
1.
Test Conditions: VD = 50 V, IDQ = 52.5 mA
2.
Tone spacing = 1 MHz.
-60
-50
-40
-30
-20
-10
0
16
18
20
22
24
26
28
30
32
34
36
38
40
Average PEP [dBm]
IMD @ 2.9GHz and 25degC
Lower IM3
Upper IM3
Lower IM5
Upper IM5


Similar Part No. - QPD1020S2

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1020S2 QORVO-QPD1020S2 Datasheet
1Mb / 21P
   2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
More results

Similar Description - QPD1020S2

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1020 QORVO-QPD1020 Datasheet
1Mb / 21P
   2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
logo
TriQuint Semiconductor
QPD1011 TRIQUINT-QPD1011 Datasheet
1Mb / 25P
   30 ??1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1011 QORVO-QPD1011 Datasheet
1Mb / 23P
   30 – 1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
January 2022
QPD1881L QORVO-QPD1881L Datasheet
1Mb / 18P
   400 W, 50 V, 2.7 ??2.9 GHz, GaN RF Power Transistor
TGF2965-SM QORVO-TGF2965-SM Datasheet
1Mb / 21P
   5 W, 32 V, 0.03?? GHz, GaN RF Input-Matched Transistor
logo
TriQuint Semiconductor
T1G3000532-SM TRIQUINT-T1G3000532-SM_15 Datasheet
1Mb / 21P
   5W, 32V, 0.03 ??3.5 GHz, GaN RF Input-Matched Transistor
logo
WOLFSPEED, INC.
CMPA2735030S WOLFSPEED-CMPA2735030S Datasheet
1Mb / 17P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.3 January 2022
CMPA2735030D WOLFSPEED-CMPA2735030D Datasheet
468Kb / 9P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.0 June 2 019
logo
Cree, Inc
CMPA2735030D CREE-CMPA2735030D Datasheet
529Kb / 9P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
logo
TriQuint Semiconductor
QPD1025L TRIQUINT-QPD1025L Datasheet
1Mb / 18P
   1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com