Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD1022SQ Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # QPD1022SQ
Description  10W, 32V, DC ??12 GHz, GaN RF Transistor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD1022SQ Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button QPD1022SQ Datasheet HTML 6Page - TriQuint Semiconductor QPD1022SQ Datasheet HTML 7Page - TriQuint Semiconductor QPD1022SQ Datasheet HTML 8Page - TriQuint Semiconductor QPD1022SQ Datasheet HTML 9Page - TriQuint Semiconductor QPD1022SQ Datasheet HTML 10Page - TriQuint Semiconductor QPD1022SQ Datasheet HTML 11Page - TriQuint Semiconductor QPD1022SQ Datasheet HTML 12Page - TriQuint Semiconductor QPD1022SQ Datasheet HTML 13Page - TriQuint Semiconductor QPD1022SQ Datasheet HTML 14Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
QPD1022
10W, 32V, DC
– 12 GHz, GaN RF Transistor
Rev. A
- 10 of 23 -
Disclaimer: Subject to change without notice
© 2017 Qorvo
www.qorvo.com
Load Pull Smith Charts1, 2
Notes:
1.
Vd = 32 V, IDQ = 50 mA, Pulsed signal with 100 us pulse width and 20 % duty cycle.
2.
See page 18 for load pull and source pull reference planes.
6 GHz, Load-pull
40.3
40.1
39.9
39.7
39.5
14.5
14
13.5
13
12.5
60.6
58.6
56.6
54.6
52.6
Max Power is 40.4dBm
at Z = 6.435+4.119i
= -0.3497+0.2593i
Max Gain is 14.5dB
at Z = 2.179+7.603i
= -0.4603+0.6463i
Max PAE is 61.2%
at Z = 4.026+5.948i
= -0.4364+0.4491i
Zo = 15
3dB Compression Referenced to Peak Gain
Zs(1fo) = 14.49-1.71i
Power
Gain
PAE


Similar Part No. - QPD1022SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1022SR QORVO-QPD1022SR Datasheet
2Mb / 22P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
February 2022
More results

Similar Description - QPD1022SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1022 QORVO-QPD1022 Datasheet
2Mb / 22P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
February 2022
logo
TriQuint Semiconductor
T1G6001032-SM TRIQUINT-T1G6001032-SM_15 Datasheet
1Mb / 13P
   10W, 32V, DC 6 GHz, GaN RF Power Transistor
TGF3015-SM TRIQUINT-TGF3015-SM_15 Datasheet
1Mb / 21P
   10W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1010 QORVO-QPD1010 Datasheet
2Mb / 25P
   10W, 50V, DC ??4 GHz, GaN RF Transistor
October 2021
logo
TriQuint Semiconductor
T1G4003532-FL TRIQUINT-T1G4003532-FL_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
T2G4003532-FL TRIQUINT-T2G4003532-FL_15 Datasheet
990Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T1G4004532-FL TRIQUINT-T1G4004532-FL_15 Datasheet
1Mb / 13P
   45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
T1G4004532-FS TRIQUINT-T1G4004532-FS_15 Datasheet
1Mb / 13P
   45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
T1G4003532-FS TRIQUINT-T1G4003532-FS_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
T2G4003532-FS TRIQUINT-T2G4003532-FS_15 Datasheet
984Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com