Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE9.1 Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # P6KE9.1
Description  600 Watts Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

P6KE9.1 Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  P6KE9.1 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd P6KE9.1 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd P6KE9.1 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd P6KE9.1 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd P6KE9.1 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS(at TA=25
unless otherwise noted
BREAKDOWN
VOLTAGE
TEST CURRENT
REVERSE STAND-OFF
VOLTAGE
REVERSE LEAKAGE
PULSE CURRENT
MAXIMUM CLAMPING
VOLTAGE
V ( BR ) ( Note 1 )
IT
VWM
ID @VWM ( Note 2 )
I ppm
VC @ I ppm
MAXIMUM
TEMPERATURE
COEFFICIENT
OF V ( BR )
TYPE
V( MIN)
V( MAX)
mA
V
μ
A
A
V
% / ℃
P6KE6.8
6.12
7.48
10.0
5.50
1000.0
58.0
10.8
0.057
P6KE6.8A
6.45
7.14
10.0
5.80
1000.0
60.0
10.5
0.057
P6KE7.5
6.75
8.25
10.0
6.05
500.0
53.0
11.7
0.061
P6KE7.5A
7.13
7.88
10.0
6.40
500.0
55.0
11.3
0.061
P6KE8.2
7.38
9.02
10.0
6.63
200.0
50.0
12.5
0.065
P6KE8.2A
7.79
8.61
10.0
7.02
200.0
52.0
12.1
0.065
P6KE9.1
8.19
10.0
1.0
7.37
50.0
45.0
13.8
0.068
P6KE9.1A
8.65
9.55
1.0
7.78
50.0
47.0
13.4
0.068
P6KE10
9.00
11.0
1.0
8.10
10.0
42.0
15.0
0.073
P6KE10A
9.50
10.5
1.0
8.55
10.0
43.0
14.5
0.073
P6KE11
9.90
12.1
1.0
8.92
5.0
38.0
16.2
0.075
P6KE11A
10.5
11.6
1.0
9.40
5.0
40.0
15.6
0.075
P6KE12
10.8
13.2
1.0
9.72
5.0
36.0
17.3
0.078
P6KE12A
11.4
12.6
1.0
10.2
5.0
37.0
16.7
0.078
P6KE13
11.7
14.3
1.0
10.5
5.0
33.0
19.0
0.081
P6KE13A
12.4
13.7
1.0
11.1
5.0
34.0
18.2
0.081
P6KE15
13.5
16.5
1.0
12.1
5.0
28.0
22.0
0.084
P6KE15A
14.3
15.8
1.0
12.8
5.0
29.0
21.2
0.084
P6KE16
14.4
17.6
1.0
12.9
5.0
26.0
23.5
0.086
P6KE16A
15.2
16.8
1.0
13.6
5.0
28.0
22.5
0.086
P6KE18
16.2
19.8
1.0
14.5
5.0
23.0
26.5
0.088
P6KE18A
17.1
18.9
1.0
15.3
5.0
25.0
25.2
0.088
P6KE20
18.0
22.0
1.0
16.2
5.0
21.0
29.1
0.090
P6KE20A
19.0
21.0
1.0
17.1
5.0
22.0
27.7
0.090
P6KE22
19.8
24.2
1.0
17.8
5.0
19.0
31.9
0.092
P6KE22A
20.9
23.1
1.0
18.8
5.0
20.0
30.6
0.092
P6KE24
21.6
26.4
1.0
19.4
5.0
18.0
34.7
0.094
P6KE24A
22.8
25.2
1.0
20.5
5.0
19.0
33.2
0.094
P6KE27
24.3
29.7
1.0
21.8
5.0
16.0
39.1
0.096
P6KE27A
25.7
28.4
1.0
23.1
5.0
16.8
37.5
0.096
P6KE30
27.0
33.0
1.0
24.3
5.0
14.0
43.5
0.097
P6KE30A
28.5
31.5
1.0
25.6
5.0
15.0
41.4
0.097
P6KE33
29.7
36.3
1.0
26.8
5.0
13.0
47.7
0.098
P6KE33A
31.4
34.7
1.0
28.2
5.0
13.8
45.7
0.098
P6KE36
32.4
39.6
1.0
29.1
5.0
12.0
52.0
0.099
P6KE36A
34.2
37.8
1.0
30.8
5.0
12.6
49.9
0.099
P6KE39
35.1
42.9
1.0
31.6
5.0
11.1
56.4
0.100
P6KE39A
37.1
41.0
1.0
33.3
5.0
11.6
53.9
0.100
P6KE43
38.7
47.3
1.0
34.8
5.0
10.0
61.9
0.101
P6KE43A
40.9
45.2
1.0
36.8
5.0
10.6
59.3
0.101
P6KE47
42.3
51.7
1.0
38.1
5.0
9.2
67.8
0.101
P6KE47A
44.7
49.4
1.0
40.2
5.0
9.7
64.8
0.101
P6KE51
45.9
56.1
1.0
41.3
5.0
8.5
73.5
0.102
P6KE51A
48.5
53.6
1.0
43.6
5.0
8.9
70.1
0.102
P6KE56
50.4
61.6
1.0
45.4
5.0
7.8
80.5
0.103
P6KE56A
53.2
58.8
1.0
47.8
5.0
8.1
77.0
0.103
P6KE62
55.8
68.2
1.0
50.2
5.0
7.0
89.0
0.104
P6KE62A
58.9
65.1
1.0
53.0
5.0
7.4
85.0
0.104
P6KE68
61.2
74.8
1.0
55.1
5.0
6.4
98.0
0.104
P6KE68A
64.6
71.4
1.0
58.1
5.0
6.8
92.0
0.104
P6KE SERIES
600 Watts Transient Voltage Suppressor Diodes
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - P6KE9.1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6KE9.1 TSC-P6KE9.1 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
logo
Pan Jit International I...
P6KE9.1 PANJIT-P6KE9.1 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Zibo Seno Electronic En...
P6KE9.1 ZSELEC-P6KE9.1 Datasheet
261Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
P6KE9.1 SOCAY-P6KE9.1 Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Diotec Semiconductor
P6KE9.1 DIOTEC-P6KE9.1 Datasheet
154Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P6KE9.1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P6KE480A LUGUANG-P6KE480A Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_06 Datasheet
329Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW06 NJSEMI-BZW06 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE LUGUANG-P6KE Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
P6KE480 LUGUANG-P6KE480 Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Fuji Electric
P6KE FUJI-P6KE Datasheet
368Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P6KE6.8 LUGUANG-P6KE6.8 Datasheet
629Kb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
P6KE TSC-P6KE_1 Datasheet
368Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
   600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com