Electronic Components Datasheet Search |
|
UB225KKG015D-1JC Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
UB225KKG015D-1JC Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd. |
7 / 12 page Series UB2 Low Profile Pushbuttons D98 D www.nkkswitches.com SUPER BRIGHT BICOLOR LEDS & CAPS Super Bright Bicolor LED with 2 elements * Amber color is achieved by lighting red and green simultaneously, but is not suitable for Alternating Legends. The electrical specifications shown are determined at a basic temperature of 25°C. LED circuit is isolated and requires an external power source. Polarity marks are on the bottom of the switch. If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor value can be calculated by using the formula in the Supplement section. The LED is an integral part of the switch and not available separately. Electrical Specifications for Super Bright Bicolor LEDs Super Bright LEDs are Electrostatic Sensitive Color Red Green Amber Blue Unit Maximum Forward Current I FM 30 * 25 for Amber 25 * 22 for Amber 30 30 mA Typical Forward Current I F 20 20 15 15 mA Forward Voltage V F 2.1 3.5 2.0 2.8 V Maximum Reverse Voltage V RM 4 4 4 4 V Current Reduction Rate Above 25°C ∆I F 0.40 0.33 0.33 0.33 mA/°C Ambient Temperature Range –20° ~ +50° –20° ~ +50° °C ATTENTION ELECTROSTATIC SENSITIVE DEVICES 6CF 6DG AT3075B Beveled White Cap Clear Lens Translucent White Diffuser Translucent White Cap Clear Lens Translucent White Diffuser (5.6) .220 (15.0) Sq .591 (5.6) .220 (15.0) Sq .591 (6.1) .240 (15.0) Sq .591 AT3074JB Sculptured Clear Lens/ White Diffuser AT3076JB Flat Clear Lens/ White Diffuser Caps for Super Bright LED 1JB 2B 3JB Material: Polycarbonate Finish: Glossy SUPER BRIGHT LEDS & CAPS (+) (-) Super Bright Single Color LED with 1 element Electrical Specifications for Super Bright LEDS Super Bright LEDs are Electrostatic Sensitive Color White Green Blue Unit Maximum Forward Current I FM 20 30 30 mA Typical Forward Current I F 15 20 20 mA Forward Voltage V F 3.3 3.5 3.6 V Maximum Reverse Voltage V RM 5 5 5 V Current Reduction Rate Above 25°C ∆I F 0.25 0.50 0.50 mA/°C Ambient Temperature Range –20° ~ +50° °C 6B 6F 6G ATTENTION ELECTROSTATIC SENSITIVE DEVICES The electrical specifications shown are determined at a basic temperature of 25°C. LED circuit is isolated and requires an external power source. Polarity marks are on the bottom of the switch. If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor value can be calculated by using the formula in the Supplement section. The LED is an integral part of the switch and not available separately. (+) COM Green or Blue Red or Amber (–) L1 (–) L2 |
Similar Part No. - UB225KKG015D-1JC |
|
Similar Description - UB225KKG015D-1JC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |