Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD1025L Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # QPD1025L
Description  1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD1025L Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button QPD1025L Datasheet HTML 5Page - TriQuint Semiconductor QPD1025L Datasheet HTML 6Page - TriQuint Semiconductor QPD1025L Datasheet HTML 7Page - TriQuint Semiconductor QPD1025L Datasheet HTML 8Page - TriQuint Semiconductor QPD1025L Datasheet HTML 9Page - TriQuint Semiconductor QPD1025L Datasheet HTML 10Page - TriQuint Semiconductor QPD1025L Datasheet HTML 11Page - TriQuint Semiconductor QPD1025L Datasheet HTML 12Page - TriQuint Semiconductor QPD1025L Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
QPD1025L
1500 W, 65 V, 1.0
– 1.1 GHz, GaN RF Input-Matched Transistor
Datasheet Rev. B
│ Subject to change without notice
- 9 of 18 -
www.qorvo.com
Thermal and Reliability Information
– CW 1, 2, 3
Parameter
Conditions
Values
Units
Thermal Resistance, FEA (θJC) (1) (3)
85 °C Case
Pdiss = 172.8 W
CW
0.26
°C/W
Peak Channel Temperature, FEA (TCH) (1)
131.3
°C
Median Lifetime, FEA (TM) (1)
4.0E10
Hrs
Peak Channel Temperature, IR (2)
117 (2)
°C
Thermal Resistance, FEA (θJC) (1) (3)
85 °C Case
Pdiss = 345.6 W
CW
0.29
°C/W
Peak Channel Temperature, FEA (TCH) (1)
188.1
°C
Median Lifetime, FEA (TM) (1)
1.0E8
Hrs
Peak Channel Temperature, IR (2)
154 (2)
°C
Thermal Resistance, FEA (θJC) (1) (3)
85 °C Case
Pdiss = 518.4 W
CW
0.33
°C/W
Peak Channel Temperature, FEA (TCH) (1)
259.5
°C
Median Lifetime, FEA (TM) (1)
4.0E5
Hrs
Peak Channel Temperature, IR (2)
195 (2)
°C
Notes:
1. Finite Element Analysis (FEA) thermal values shall be used to determine performance and reliability.
Unless otherwise noted, all thermal references are FEA.
2. Infrared (IR) thermal values are for reference only and can not be used to determine performance or reliability.
3. Thermal resistance measured to backside of package.


Similar Part No. - QPD1025L

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1025L QORVO-QPD1025L Datasheet
3Mb / 27P
   1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
QPD1025L QORVO-QPD1025L Datasheet
3Mb / 26P
   1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
March 2022
QPD1025LEVB1 QORVO-QPD1025LEVB1 Datasheet
3Mb / 27P
   1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
QPD1025LEVB1 QORVO-QPD1025LEVB1 Datasheet
3Mb / 26P
   1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
March 2022
QPD1025LEVB2 QORVO-QPD1025LEVB2 Datasheet
3Mb / 27P
   1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
More results

Similar Description - QPD1025L

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD1025 TRIQUINT-QPD1025 Datasheet
1Mb / 18P
   1500 W, 65 V, 1.0 ??1.1 GHz, GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1029L QORVO-QPD1029L Datasheet
1Mb / 16P
   1500 W, 65 V, 1.2??1.4GHz, GaN RF Input-Matched Transistor
Sep 2019
QPD1028L QORVO-QPD1028L Datasheet
1Mb / 16P
   750 W, 65 V, 1.2 ??1.4 GHz, GaN RF Input-Matched Transistor
Oct 2021
QPD1028 QORVO-QPD1028 Datasheet
1Mb / 16P
   750 W, 65 V, 1.2 – 1.4 GHz, GaN RF Input-Matched Transistor
November 2021
QPD1025 QORVO-QPD1025 Datasheet
3Mb / 26P
   1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
April 2022
QPD1025L QORVO-QPD1025L_V01 Datasheet
3Mb / 26P
   1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
March 2022
QPD1025L QORVO-QPD1025L Datasheet
3Mb / 27P
   1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
QPD1026L QORVO-QPD1026L Datasheet
1Mb / 19P
   1300 W, 65 V, 420 ??450 MHz, GaN RF Input-Matched Transistor
December 2018
TGF2965-SM QORVO-TGF2965-SM Datasheet
1Mb / 21P
   5 W, 32 V, 0.03?? GHz, GaN RF Input-Matched Transistor
TGF3020-SM QORVO-TGF3020-SM_V01 Datasheet
2Mb / 19P
   4 – 6 GHz, 32 V, 5 W GaN RF Input-Matched Transistor
February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com