Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3744 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3744
Description  2.7Gbps SFP Transimpedance Amplifiers with RSSI
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3744 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3744 Datasheet HTML 2Page - Maxim Integrated Products MAX3744 Datasheet HTML 3Page - Maxim Integrated Products MAX3744 Datasheet HTML 4Page - Maxim Integrated Products MAX3744 Datasheet HTML 5Page - Maxim Integrated Products MAX3744 Datasheet HTML 6Page - Maxim Integrated Products MAX3744 Datasheet HTML 7Page - Maxim Integrated Products MAX3744 Datasheet HTML 8Page - Maxim Integrated Products MAX3744 Datasheet HTML 9Page - Maxim Integrated Products MAX3744 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Layout Considerations
Noise performance and bandwidth are adversely affect-
ed by capacitance at the IN pad. Minimize capacitance
on this pad and select a low-capacitance photodiode.
Assembling the MAX3744/MAX3745 in die form using
chip and wire technology provides the best possible
performance. Figure 7 shows a suggested layout for a
TO header for the MAX3744/MAX3745. The placement
of the filter cap to minimize the ground loop of the pho-
todiode is required to achieve the specified bandwidth.
The OUT+ and OUT- bond wire lengths should also be
minimized to meet the bandwidth specification. Special
care should be taken to ensure that ESD at IN does not
exceed 500V.
Photodiode Filter
Supply voltage noise at the cathode of the photodiode
produces a current I = CPD
∆V/∆t, which reduces the
receiver sensitivity (CPD is the photodiode capaci-
tance.) The filter resistor of the MAX3744/MAX3745,
combined with an external capacitor, can be used to
reduce this noise (see the Typical Application Circuit).
Current generated by supply noise voltage is divided
between CFILTER and CPD. The input noise current due
to supply noise is (assuming the filter capacitor is much
larger than the photodiode capacitance):
INOISE = (VNOISE)(CPD) / (RFILTER)(CFILTER)
If the amount of tolerable noise is known, the filter
capacitor can be easily selected:
CFILTER = (VNOISE)(CPD) / (RFILTER)(INOISE)
For example, with maximum noise voltage = 100mVP-P,
CPD = 0.85pF, RFILTER = 600
Ω, and INOISE selected to
be 350nA:
CFILTER = (100mV)(0.85pF) / (600
Ω)(350nA) = 405pF
Wire Bonding
For high-current density and reliable operation, the
MAX3744/MAX3745 use gold metalization. Connections
to the die should be made with gold wire only, using ball-
bonding techniques. Die thickness is typically 14 mils
(0.4mm).
2.7Gbps SFP Transimpedance
Amplifiers with RSSI
_______________________________________________________________________________________
9
PO
PI
PAVG
TIME
Figure 6. Optical Power Relations
TOP VIEW OF TO-46 HEADER
VCC
OUT+
OUT-
CASE
GROUND
400pF TO
1000pF
PHOTODIODE
400pF TO
1000pF
MAX3744
MAX3745
Figure 7. Suggested Layout for TO-46 Header


Similar Part No. - MAX3744

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3744 MAXIM-MAX3744 Datasheet
214Kb / 4P
   Evaluation Kit
Rev 0, 8/03
MAX3744EVKIT MAXIM-MAX3744EVKIT Datasheet
214Kb / 4P
   Evaluation Kit
Rev 0, 8/03
MAX3744 MAXIM-MAX3744_1 Datasheet
214Kb / 4P
   Evaluation Kit
Rev 0, 8/03
More results

Similar Description - MAX3744

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3724-MAX3725 MAXIM-MAX3724-MAX3725 Datasheet
342Kb / 10P
   3.2Gbps SFP Transimpedance Amplifiers with RSSI
Rev 0; 2/04
logo
Texas Instruments
ONET9901TA TI-ONET9901TA Datasheet
417Kb / 13P
[Old version datasheet]   10.7-GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET2511TA TI1-ONET2511TA Datasheet
455Kb / 12P
[Old version datasheet]   2.5 GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET8531T TI1-ONET8531T_17 Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8521T TI1-ONET8521T Datasheet
498Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com