Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1935ETA15 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1935ETA15
Description  500mA, Low-Voltage Linear Regulator in Tiny QFN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1935ETA15 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1935ETA15 Datasheet HTML 1Page - Maxim Integrated Products MAX1935ETA15 Datasheet HTML 2Page - Maxim Integrated Products MAX1935ETA15 Datasheet HTML 3Page - Maxim Integrated Products MAX1935ETA15 Datasheet HTML 4Page - Maxim Integrated Products MAX1935ETA15 Datasheet HTML 5Page - Maxim Integrated Products MAX1935ETA15 Datasheet HTML 6Page - Maxim Integrated Products MAX1935ETA15 Datasheet HTML 7Page - Maxim Integrated Products MAX1935ETA15 Datasheet HTML 8Page - Maxim Integrated Products MAX1935ETA15 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
500mA, Low-Voltage Linear Regulator
in Tiny QFN
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VOUT(SETPOINT) + 500mV or VIN = 2.25V whichever is greater, SET = GND, SHDN = IN, TA = 0°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS
(VIN = VOUT(SETPOINT) + 500mV or VIN = 2.25V whichever is greater, SET = GND, SHDN = IN, TA = -40°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.25
5.50
V
Input Undervoltage Lockout
VUVLO
Rising, 40mV hysteresis
1.85
2.15
V
Output Voltage Accuracy
(Preset Mode)
VOUT
IOUT = 1mA to 500mA
-4
+4
%
Adjustable Output Voltage
0.8
4.5
V
SET Voltage Threshold
(Adjustable Mode)
VSET
IOUT = 1mA to 500mA
766
834
mV
Maximum Output Current
IOUT
500
mARMS
Short-Circuit Current Limit
ILIM
VOUT = 0V
600
2500
mA
SET Dual Mode Threshold
35
125
mV
SET Input Bias Current
ISET
VSET = 0.8V
-100
+100
nA
Ground-Pin Current
IQ
IOUT = 1mA
400
µA
SHUTDOWN
Shutdown Supply Current
IOFF
SHDN = GND, VIN = 5.5V
5
µA
VIH
2.5V < VIN < 5.5V
1.6
SHDN Input Threshold
VIL
2.5V < VIN < 5.5V
0.6
V
SHDN Input Bias Current
ISHDN
SHDN = GND or IN
100
nA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER-OK
POK Output Low Voltage
VOL
Sinking 2mA
5
50
mV
Operating Voltage Range for
Valid POK Output
Sinking 100µA
1.0
5.5
V
Output High Leakage Current
VPOK = 5.5V
100
nA
Threshold
Rising edge, referred to VOUT(NOMINAL)
90
93
96
%
THERMAL PROTECTION
Thermal-Shutdown Temperature
TSHDN
170
°C
Thermal-Shutdown Hysteresis
∆TSHDN
20
°C


Similar Part No. - MAX1935ETA15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1930 MAXIM-MAX1930 Datasheet
287Kb / 7P
   Current-Limited Switch for Two USB Ports
Rev 2; 11/02
MAX1930ESA MAXIM-MAX1930ESA Datasheet
287Kb / 7P
   Current-Limited Switch for Two USB Ports
Rev 2; 11/02
MAX1931 MAXIM-MAX1931 Datasheet
214Kb / 8P
   Current-Limited Switch for Single USB Port
Rev 0; 4/02
MAX1931EUB MAXIM-MAX1931EUB Datasheet
214Kb / 8P
   Current-Limited Switch for Single USB Port
Rev 0; 4/02
MAX1932 MAXIM-MAX1932 Datasheet
399Kb / 16P
   Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply
Rev 1; 12/02
More results

Similar Description - MAX1935ETA15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1806 MAXIM-MAX1806 Datasheet
263Kb / 10P
   500mA, Low-Voltage Linear Regulator in UMAX
Rev 0; 4/01
logo
Unisonic Technologies
LR1125 UTC-LR1125 Datasheet
334Kb / 7P
   500mA, LOW-VOLTAGE LINEAR REGULATOR
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
Monolithic Power System...
MP2002 MPS-MP2002 Datasheet
368Kb / 11P
   Low Input Voltage 500mA Linear Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Maxim Integrated Produc...
MAX1818 MAXIM-MAX1818 Datasheet
262Kb / 9P
   500mA Low-Dropout Linear Regulator in SOT23
19-1860; Rev 1; 3/01
MAX1792 MAXIM-MAX1792 Datasheet
414Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 0; 9/00
MAX1792 MAXIM-MAX1792_11 Datasheet
472Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 2; 11/11
MAX1819 MAXIM-MAX1819 Datasheet
639Kb / 9P
   500mA Low-Dropout Linear Regulator in UCSP
19-2072; Rev 0; 1/02
logo
Richtek Technology Corp...
RT9161 RICHTEK-RT9161 Datasheet
260Kb / 10P
   300/500mA Low Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com