Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPF7200PCBA-410 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # QPF7200PCBA-410
Description  2.4GHz Integrated Wi-Fi Front-End Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPF7200PCBA-410 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  QPF7200PCBA-410 Datasheet HTML 1Page - TriQuint Semiconductor QPF7200PCBA-410 Datasheet HTML 2Page - TriQuint Semiconductor QPF7200PCBA-410 Datasheet HTML 3Page - TriQuint Semiconductor QPF7200PCBA-410 Datasheet HTML 4Page - TriQuint Semiconductor QPF7200PCBA-410 Datasheet HTML 5Page - TriQuint Semiconductor QPF7200PCBA-410 Datasheet HTML 6Page - TriQuint Semiconductor QPF7200PCBA-410 Datasheet HTML 7Page - TriQuint Semiconductor QPF7200PCBA-410 Datasheet HTML 8Page - TriQuint Semiconductor QPF7200PCBA-410 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
QPF7200
2.4GHz Integrated Wi-Fi Front-End Module
Data Sheet 20170719 | Subject to change without notice
1 of 10
www.qorvo.com
Product Overview
The QPF7200 provides a complete integrated solution in a
single placement front end module (FEM) for Wi-Fi 802.11b/g/n
systems.
The full integration minimizes layout area in the
customer’s application and greatly reduces the design
complexity
and
the
number
of
external
components.
Performance is focused on conserving power consumption
while maintaining the highest linear output power and leading
edge throughput across all Wi-Fi channels without the need to
reduce transmit power to meet the FCC regulatory limits. The
QPF7200 integrates a 2.4GHz power amplifier (PA) with power
detector, multiple switches, LNA with bypass mode, transmit
bandedge BAW filter for flat power transmission, and receive
BAW filter for wireless coexistence. The QPF7200 integrated
filtering also includes 2nd and 3rd harmonics and 5GHz rejection
for dual-band dual-concurrent operation. The device is provided
in a 8.0mm x 5.5mm x 1mm max laminate package.
This
module meets or exceeds the RF front end needs of IEEE
802.11b/g/n Wi-Fi RF systems.
Functional Block Diagram
GND
RFIN
GND
PA_EN
VCC2
GND
TX_BAW/BYP
LNA_EN
RX
GND
NC
PDET
VCC1
GND
TX/RX_EN
GND
GND
ANT
GND
SW_EN
20-pin 8.0mm x 5.5mm x 1mm leadless SMT Package
Key Features
• Fully integrated front end module that includes highly
selective BAW filters achieving FCC bandedge and
coexistence attenuation over operating conditions.
• Optmized for 5V Operation
• 37 dB Tx Gain
• 2 dB Rx Noise Figure
• Pout = +25dBm, 802.11n, MCS7 -30dB EVM (Bandedge
Compliant CH1 -11)
Applications
• IEEE 802.11b/g/n WLAN Applications
• Wi-Fi Consumer Premise Equipment
• Access Points
• Wireless Routers
• Residential Gateways
• Internet of Things
Ordering Information
Part Number
Description
QPF7200SB
Sample bag with 5 pieces
QPF7200SQ
Sample bag with 25 pieces
QPF7200SR
7" Reel with 100 pieces
QPF7200TR7
7" Reel with 2500 pieces
QPF7200PCBA-410
Assembled Evaluation Board


Similar Part No. - QPF7200PCBA-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF7219 QORVO-QPF7219 Datasheet
272Kb / 2P
   Wi-Fi integrated Front End Module
QPF7219EVB-01 QORVO-QPF7219EVB-01 Datasheet
272Kb / 2P
   Wi-Fi integrated Front End Module
QPF7219SB QORVO-QPF7219SB Datasheet
272Kb / 2P
   Wi-Fi integrated Front End Module
QPF7219SQ QORVO-QPF7219SQ Datasheet
272Kb / 2P
   Wi-Fi integrated Front End Module
QPF7219SR QORVO-QPF7219SR Datasheet
272Kb / 2P
   Wi-Fi integrated Front End Module
More results

Similar Description - QPF7200PCBA-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF7221 QORVO-QPF7221 Datasheet
132Kb / 2P
   2.4GHz Wi-Fi Front End Module (iFEM)
logo
RF Micro Devices
RFFM4555 RFMD-RFFM4555 Datasheet
419Kb / 6P
   Wi-Fi Integrated Front End Module
logo
Qorvo, Inc
QPF7219 QORVO-QPF7219 Datasheet
272Kb / 2P
   Wi-Fi integrated Front End Module
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
   Wi-Fi Front End Module
QPF4219 QORVO-QPF4219 Datasheet
165Kb / 2P
   Wi-Fi Front End Module
QPF4216 QORVO-QPF4216 Datasheet
168Kb / 2P
   Wi-Fi Front End Module
RFFM4558A QORVO-RFFM4558A Datasheet
151Kb / 2P
   Wi-Fi Front End Module
logo
TriQuint Semiconductor
RFFM4252 TRIQUINT-RFFM4252 Datasheet
552Kb / 7P
   Wi-Fi Front End Module
logo
Qorvo, Inc
RFFM8227P QORVO-RFFM8227P Datasheet
142Kb / 2P
   Wi-Fi Front End Module
RFFM4252 QORVO-RFFM4252 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com