Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPF8248SR Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # QPF8248SR
Description  Wi-Fi Front End Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPF8248SR Datasheet(HTML) 4 Page - TriQuint Semiconductor

  QPF8248SR Datasheet HTML 1Page - TriQuint Semiconductor QPF8248SR Datasheet HTML 2Page - TriQuint Semiconductor QPF8248SR Datasheet HTML 3Page - TriQuint Semiconductor QPF8248SR Datasheet HTML 4Page - TriQuint Semiconductor QPF8248SR Datasheet HTML 5Page - TriQuint Semiconductor QPF8248SR Datasheet HTML 6Page - TriQuint Semiconductor QPF8248SR Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
QPF8248
Wi-Fi Front End Module
Data Sheet REV C 20161219 | Subject to change without notice
4 of 7
www.qorvo.com
Logic Truth Table
Mode
PA_EN
LNA_EN
Transmit
– High Power
High
Low
Transmit
– Low Power
High
High
LNA On
Low
High
Bypass
Low
Low
Evaluation Board Schematic and Layout
Bill of Material
Ref. Des.
Value
Description
Manuf.
Part number
-
-
Printed Circuit Board
U1
-
2.4GHz Wi-Fi Front End Module
Qorvo
QPF8248
C6
1 µF
Capacitor, Chip, 10%, 10V, X5R, 0402
AVX/Kyocera
0402ZD105KAT2A
C4
1000 pF
Capacitor, Chip, 10%, 25V, X7R, 0201
Samsung E-M
CL03B102KA3NNNC
C1
4.7 µF
Capacitor, Chip, +80%/-20%, 10V, Y5V, 0805
Taiyo Yuden
CE LMK212 F475ZG-T
C3
10 pF
Capacitor, Chip, +/-0.5pF, 25V, C0G, 0201
C2, C5
0.1 µF
Capacitor, Chip, 10%, 6.3V, X5R, 0201
R1
3.9K
Ω
Resistor, Chip, 5%, 1/20W, 0201
Kamaya, Inc
RMC1/20-392JPA15
L2
1.8 nH
Inductor, Chip, +/- 0.3nH, M/L, 0201
Taiyo Yuden
LG HK 0603 1N8S-T
L1
3.3 nH
Inductor, Chip, +/- 0.1nH, T/F, 0201
Murata
LQP03TG3N3B02D


Similar Part No. - QPF8248SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF8248SR QORVO-QPF8248SR Datasheet
513Kb / 7P
   Wi-Fi Front End Module
More results

Similar Description - QPF8248SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
   Wi-Fi Front End Module
QPF4219 QORVO-QPF4219 Datasheet
165Kb / 2P
   Wi-Fi Front End Module
QPF4216 QORVO-QPF4216 Datasheet
168Kb / 2P
   Wi-Fi Front End Module
RFFM4558A QORVO-RFFM4558A Datasheet
151Kb / 2P
   Wi-Fi Front End Module
logo
TriQuint Semiconductor
RFFM4252 TRIQUINT-RFFM4252 Datasheet
552Kb / 7P
   Wi-Fi Front End Module
logo
Qorvo, Inc
RFFM8227P QORVO-RFFM8227P Datasheet
142Kb / 2P
   Wi-Fi Front End Module
RFFM4252 QORVO-RFFM4252 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
logo
TriQuint Semiconductor
RFFM4251 TRIQUINT-RFFM4251 Datasheet
520Kb / 7P
   Wi-Fi Front End Module
logo
Qorvo, Inc
QPF4550 QORVO-QPF4550 Datasheet
149Kb / 2P
   Wi-Fi Front End Module
QPF4538 QORVO-QPF4538 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com