Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPF8248SR Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # QPF8248SR
Description  Wi-Fi Front End Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPF8248SR Datasheet(HTML) 5 Page - TriQuint Semiconductor

  QPF8248SR Datasheet HTML 1Page - TriQuint Semiconductor QPF8248SR Datasheet HTML 2Page - TriQuint Semiconductor QPF8248SR Datasheet HTML 3Page - TriQuint Semiconductor QPF8248SR Datasheet HTML 4Page - TriQuint Semiconductor QPF8248SR Datasheet HTML 5Page - TriQuint Semiconductor QPF8248SR Datasheet HTML 6Page - TriQuint Semiconductor QPF8248SR Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
QPF8248
Wi-Fi Front End Module
Data Sheet REV C 20161219 | Subject to change without notice
5 of 7
www.qorvo.com
Pin Configuration and Description
Top View
Pin Number
Label
Description
1
PDET
DC power detector. Provides an output voltage proportional to the RF output power level
2
NC
No electrical connection. It may be left floating or connected to ground.
3
VCC
1st and 2nd stage supply voltage
4
VCC
3rd stage supply voltage
5
TX
RF input. Internally matched to 50
Ω and DC Blocked.
6
PA_EN
Input enable bias voltage (Regulated internally)
7
GND
Ground connection.
8
RX
RF output from the low noise amplifier or bypass. Internally matched to 50
Ω and DC blocked.
9
LNA_EN
LNA enable bias voltage
10
VCC
LNA and regulator supply voltage
11
NC
No electrical connection. It may be left floating or connected to ground.
12
GND
Ground connection.
13
NC
No electrical connection. It may be left floating or connected to ground.
14
NC
No electrical connection. It may be left floating or connected to ground.
15
GND
Ground connection.
16
ANT
RF bi-directional antenna port. Internally matched to 50
Ω. An external DC block is required.
Backside
Paddle
GND
RF/DC ground. Use recommended via pattern to minimize inductance and thermal resistance. See
PCB Mounting Pattern for suggested footprint.
ADVANCED


Similar Part No. - QPF8248SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF8248SR QORVO-QPF8248SR Datasheet
513Kb / 7P
   Wi-Fi Front End Module
More results

Similar Description - QPF8248SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
   Wi-Fi Front End Module
QPF4219 QORVO-QPF4219 Datasheet
165Kb / 2P
   Wi-Fi Front End Module
QPF4216 QORVO-QPF4216 Datasheet
168Kb / 2P
   Wi-Fi Front End Module
RFFM4558A QORVO-RFFM4558A Datasheet
151Kb / 2P
   Wi-Fi Front End Module
logo
TriQuint Semiconductor
RFFM4252 TRIQUINT-RFFM4252 Datasheet
552Kb / 7P
   Wi-Fi Front End Module
logo
Qorvo, Inc
RFFM8227P QORVO-RFFM8227P Datasheet
142Kb / 2P
   Wi-Fi Front End Module
RFFM4252 QORVO-RFFM4252 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
logo
TriQuint Semiconductor
RFFM4251 TRIQUINT-RFFM4251 Datasheet
520Kb / 7P
   Wi-Fi Front End Module
logo
Qorvo, Inc
QPF4550 QORVO-QPF4550 Datasheet
149Kb / 2P
   Wi-Fi Front End Module
QPF4538 QORVO-QPF4538 Datasheet
147Kb / 2P
   Wi-Fi Front End Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com