Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4105 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4105
Description  740MHz, Low-Noise, Low-Distortion Op Amps in SOT23-5
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4105 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4105 Datasheet HTML 4Page - Maxim Integrated Products MAX4105 Datasheet HTML 5Page - Maxim Integrated Products MAX4105 Datasheet HTML 6Page - Maxim Integrated Products MAX4105 Datasheet HTML 7Page - Maxim Integrated Products MAX4105 Datasheet HTML 8Page - Maxim Integrated Products MAX4105 Datasheet HTML 9Page - Maxim Integrated Products MAX4105 Datasheet HTML 10Page - Maxim Integrated Products MAX4105 Datasheet HTML 11Page - Maxim Integrated Products MAX4105 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
where:
in = input current noise density (in pA/√Hz)
en = input voltage noise density (in nV/√Hz)
The MAX4104/MAX4105/MAX4304/MAX4305 have a
very low, 2.1nV/
√Hz input voltage noise density and
3.1pA/
√Hz input current noise density.
An example of DC-error calculations, using the
MAX4304 typical data and the typical operating circuit
with RF = RG = 330Ω (RF || RG = 165Ω) and RS = 50Ω
gives:
Calculating total output noise in a similar manner yields
the following:
With a 200MHz system bandwidth, this calculates to
60.8µVRMS (approximately 365µVp-p, using the six-
sigma calculation).
ADC Input Buffers
Input buffer amplifiers can be a source of significant
error in high-speed ADC applications. The input buffer
is usually required to rapidly charge and discharge the
ADC’s input, which is often capacitive. In addition, the
input impedance of a high-speed ADC often changes
very rapidly during the conversion cycle—a condition
that demands an amplifier with very low output imped-
ance at high frequencies to maintain measurement
accuracy. The combination of high-speed, fast slew
rate, low noise, and low-distortion available in the
MAX4104/MAX4105/MAX4304/MAX4305 makes them
ideally suited for use as buffer amplifiers in high-speed
ADC applications.
Video Line Driver
The MAX4104/MAX4105/MAX4304/MAX4305 are opti-
mized to drive coaxial transmission lines when the
cable is terminated at both ends, as shown in Figure 2.
To minimize reflections and maximize power transfer,
select the termination resistors to match the character-
istic impedance of the transmission line. Cable frequen-
cy response can cause variations in the flatness of the
signal.
Driving Capacitive Loads
The MAX4104/MAX4105/MAX4304/MAX4305 provide
maximum AC performance when driving no output load
capacitance. This is the case when driving a correctly
terminated transmission line (i.e., a back-terminated
cable).
In most amplifier circuits, driving a large load capaci-
tance increases the chance of oscillations occurring.
The amplifier’s output impedance and the load capaci-
tor combine to add a pole and excess phase to the
loop response. If the pole’s frequency is low enough
and phase margin is degraded sufficiently, oscillations
may result.
A second concern when driving capacitive loads origi-
nates from the amplifier’s output impedance, which
e
x
x
x
x
x
e
nV Hz
n OUT
n OUT
(
)
(
)
.
.
.
.
=
+
[ ] 
 +
 +
=
1 1
3 1
10
50
3 1
10
165
2 1
10
4 3
12
2
12
2
9
2
V
32 x 10
50
32 x 10
165
1 x 10
1
1
V
15.8mV
OUT
6
6
3
OUT
= 
( ) +
(
)+


+
[
]
=
740MHz, Low-Noise, Low-Distortion
Op Amps in SOT23-5
10
______________________________________________________________________________________
MAX4104
MAX4105
MAX4304
MAX4305
RG
FB
IB-
IB+
IN
VOUT
OUT
RS
RF
Figure 1. Output Offset Voltage
Figure 2. Video Line Driver
MAX4104
MAX4105
MAX4304
MAX4305
RG
IN-
IN+
OUT
RL
75
RT
75
RT
75
75
Ω CABLE
75
Ω CABLE
RF


Similar Part No. - MAX4105

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
MAX410 MAXIM-MAX410 Datasheet
325Kb / 16P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX4100 MAXIM-MAX4100 Datasheet
144Kb / 12P
   500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
MAX4100-MAX4101 MAXIM-MAX4100-MAX4101 Datasheet
144Kb / 12P
   500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
MAX4100ESA MAXIM-MAX4100ESA Datasheet
144Kb / 12P
   500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
More results

Similar Description - MAX4105

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
MAX4475 MAXIM-MAX4475_12 Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4478AUD MAXIM-MAX4478AUD Datasheet
755Kb / 21P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 6; 6/12
MAX4475 MAXIM-MAX4475_V01 Datasheet
2Mb / 17P
   SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
2019
MAX4108 MAXIM-MAX4108 Datasheet
177Kb / 12P
   400MHz, Ultra-Low-Distortion Op Amps
19-0461; Rev 2; 4/97
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
logo
Linear Technology
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com