Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0015453228 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0015453228
Description  2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0015453228 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0015453228_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0015453228_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lead-freeProcess Capability
REFLOW
Process Temperature max. C
260
Material Info
Engineering Number
71395-1028
Reference - Drawing Numbers
Application Specification
AS-71395-001-001
Product Specification
PS-71395-001, TS-70541-001-001
Sales Drawing
SDA-71395-1***
This document was generated on 10/27/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0015453228_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015453228 MOLEX2-0015453228 Datasheet
747Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PCB Connector, Surface Mount, High Profile, Dual Row, Vertical, 28 Circuits
More results

Similar Description - 0015453228_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015453318 MOLEX1-0015453318_17 Datasheet
37Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453220 MOLEX1-0015453220_17 Datasheet
36Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453428 MOLEX1-0015453428_17 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453438 MOLEX1-0015453438_17 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453570 MOLEX1-0015453570_17 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453572 MOLEX1-0015453572_17 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453618 MOLEX1-0015453618_17 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453624 MOLEX1-0015453624_17 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453546 MOLEX1-0015453546_17 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453548 MOLEX1-0015453548_17 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453454 MOLEX1-0015453454_17 Datasheet
31Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com