Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11020-001MEBA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 11020-001MEBA
Description  Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

11020-001MEBA Datasheet(HTML) 3 Page - Vishay Siliconix

  11020-001MEBA Datasheet HTML 1Page - Vishay Siliconix 11020-001MEBA Datasheet HTML 2Page - Vishay Siliconix 11020-001MEBA Datasheet HTML 3Page - Vishay Siliconix 11020-001MEBA Datasheet HTML 4Page - Vishay Siliconix 11020-001MEBA Datasheet HTML 5Page - Vishay Siliconix 11020-001MEBA Datasheet HTML 6Page - Vishay Siliconix 11020-001MEBA Datasheet HTML 7Page - Vishay Siliconix 11020-001MEBA Datasheet HTML 8Page - Vishay Siliconix 11020-001MEBA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DLA 11020
www.vishay.com
Vishay
Revision: 18-May-16
3
Document Number: 40155
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL, μA
MAX. DF, %
MAX. ESR
AT +25 °C
100 kHz
(
)
+25 °C
+85 °C
+125 °C
+25 °C
+85 °C
+125 °C
-55 °C
6.3 VDC AT +85 °C; 4 VDC AT +125 °C, 8 VDC SURGE AT +85 °C
10
M
11020-001(1)(2)BZ
0.32
3.2
3.8
8
16
12
5.0
15
M
11020-002(1)(2)BZ
0.47
4.7
5.6
8
16
12
5.0
10 VDC AT +85 °C; 7 VDC AT +125 °C, 13 VDC SURGE AT +85 °C
1.0
M
11020-005(1)(2)BZ
0.20
2.0
2.4
6
12
9
12.0
3.3
M
11020-006(1)(2)BZ
0.20
2.0
2.4
8
16
12
6.0
4.7
M
11020-007(1)(2)BZ
0.24
2.4
2.9
8
16
12
6.0
7.5
W
11020-008(1)(2)B(3)
0.38
3.8
4.6
8
16
12
8.0
10
R
11020-009(1)(2)B(3)
0.50
5.0
6.0
8
16
12
6.0
15
R
11020-024(1)(2)B(3)
0.75
7.5
9.0
8
16
12
5.0
22
A
11020-010(1)(2)B(3)
1.10
11.0
13.2
8
16
12
1.5
47
T
11020-011(1)(2)B(3)
2.35
23.5
28.2
8
16
12
1.0
16 VDC AT +85 °C; 10 VDC AT +125 °C, 20 VDC SURGE AT +85 °C
1.0
M
11020-013(1)(2)B(3)
0.20
2.0
2.4
6
12
9
12.0
2.2
M
11020-025(1)(2)BZ
0.20
2.0
2.4
8
16
12
10.0
10
R
11020-014(1)(2)B(3)
0.80
8.0
9.6
8
16
12
6.0
10
A
11020-015(1)(2)B(3)
0.80
8.0
9.6
8
16
12
3.0
20 VDC AT +85 °C; 13 VDC AT +125 °C, 26 VDC SURGE AT +85 °C
1.0
W
11020-016(1)(2)B(3)
0.20
2.0
2.4
8
16
12
8.0
3.3
R
11020-017(1)(2)B(3)
0.33
3.3
4.0
8
16
12
8.0
7.5
N
11020-018(1)(2)B(3)
0.75
7.5
9.0
8
16
12
8.0
10
A
11020-019(1)(2)B(3)
1.00
10.0
12.0
8
16
12
3.0
25 VDC AT +85 °C; 17 VDC AT +125 °C, 32 VDC SURGE AT +85 °C
1.0
R
11020-020(1)(2)B(3)
0.20
2.0
2.4
6
12
9
10.0
4.7
P
11020-021(1)(2)B(3)
0.59
5.9
7.1
6
12
9
6.0
40 VDC AT +85 °C; 27 VDC AT +125 °C, 52 VDC SURGE AT +85 °C
1.0
P
11020-023(1)(2)B(3)
0.20
2.0
2.4
8
16
12
10.0
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination: E, A
(3) Surge current options: A, B, C, Z
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE
POWER DISSIPATION AT +25 °C (W) IN FREE AIR
M
0.025
W
0.040
R
0.045
P
0.045
A
0.075
N
0.075
T
0.084


Similar Part No. - 11020-001MEBA

ManufacturerPart #DatasheetDescription
logo
Heyco.
11020 HEYCO-11020 Datasheet
130Kb / 1P
   PVC and Nylon LED Spacers
logo
RRC power solutions Ltd...
110200 RRC-110200 Datasheet
351Kb / 3P
   Standard battery charger
logo
Molex Electronics Ltd.
11020007 MOLEX11-11020007 Datasheet
55Kb / 1P
   Insertion Tool
11020017 MOLEX11-11020017 Datasheet
55Kb / 1P
   Insertion Tool
logo
RRC power solutions Ltd...
110201 RRC-110201 Datasheet
351Kb / 3P
   Standard battery charger
More results

Similar Description - 11020-001MEBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
298D VISHAY-298D_17 Datasheet
419Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® , Leadframeless Molded
Revision: 18-Jul-17
298D VISHAY-298D_V01 Datasheet
485Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN®, Leadframeless Molded
01-Jan-2022
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 15-Jan-13
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Revision: 11-May-16
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
DLA20021 VISHAY-DLA20021_V01 Datasheet
635Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, DLA Approved
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com