Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP385 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MKP385
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MKP385_15 Datasheet HTML 3Page - Vishay Siliconix MKP385_15 Datasheet HTML 4Page - Vishay Siliconix MKP385_15 Datasheet HTML 5Page - Vishay Siliconix MKP385_15 Datasheet HTML 6Page - Vishay Siliconix MKP385_15 Datasheet HTML 7Page - Vishay Siliconix MKP385_15 Datasheet HTML 8Page - Vishay Siliconix MKP385_15 Datasheet HTML 9Page - Vishay Siliconix MKP385_15 Datasheet HTML 10Page - Vishay Siliconix MKP385_15 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MKP385
www.vishay.com
Vishay BCcomponents
Revision: 03-Jun-15
7
Document Number: 28174
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Max. RMS voltage as function of frequency (630 V)
Max RMS voltage as function of frequency (850 V)
Max. RMS voltage as function of frequency (1000 V)
Max. RMS voltage as function of frequency (630 V)
Max. RMS voltage as function of frequency (850 V)
Max. RMS voltage as function of frequency (1000 V)
10
3
10
2
10
1
f (Hz)
10
4
10
3
10
5
10
6
10
7
T
amb ≤ 85 °C, 630 VDC
10
3
10
2
10
1
f (Hz)
10
4
10
3
10
5
10
6
10
7
T
amb ≤ 85 °C, 850 VDC
10
3
10
2
10
1
f (Hz)
10
4
10
3
10
5
10
6
10
7
T
amb ≤ 85 °C, 1000 VDC
10
3
10
2
10
1
f (Hz)
10
3
10
2
10
4
10
5
10
6
10
7
85 °C < T
amb ≤ 110 °C, 630 VDC
10
3
10
2
10
1
f (Hz)
10
3
10
2
10
4
10
5
10
6
10
7
85 °C < T
amb ≤ 110 °C, 850 VDC
10
3
10
2
10
1
f (Hz)
10
3
10
2
10
5
10
4
10
6
10
7
85 °C < T
amb ≤ 110 °C, 1000 VDC


Similar Part No. - MKP385_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP385E14710AFI2B/T0 VISHAY-MKP385E14710AFI2B/T0 Datasheet
272Kb / 28P
   THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
Revision: 28-May-2019
MKP385E14710AFI2W0 VISHAY-MKP385E14710AFI2W0 Datasheet
272Kb / 28P
   THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
Revision: 28-May-2019
MKP385E14710AFM2B/T0 VISHAY-MKP385E14710AFM2B/T0 Datasheet
272Kb / 28P
   THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
Revision: 28-May-2019
MKP385E14710AFM2W0 VISHAY-MKP385E14710AFM2W0 Datasheet
272Kb / 28P
   THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
Revision: 28-May-2019
MKP385E14710AFM4W0 VISHAY-MKP385E14710AFM4W0 Datasheet
272Kb / 28P
   THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
Revision: 28-May-2019
More results

Similar Description - MKP385_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385 Datasheet
140Kb / 11P
   Metallized Polypropylene Film AC and Pulse Capacitors MKP Radial Potted Type
Revision: 17-Feb-06
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
MKP1840-M VISHAY-MKP1840-M Datasheet
134Kb / 13P
   AC and Pulse Metallized Polypropylene Capacitors MKP Radial Potted Type
Revision: 05-Nov-08
MKP416 VISHAY-MKP416 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com