Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73841 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP73841
Description  Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73841 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP73841 Datasheet HTML 2Page - Microchip Technology MCP73841 Datasheet HTML 3Page - Microchip Technology MCP73841 Datasheet HTML 4Page - Microchip Technology MCP73841 Datasheet HTML 5Page - Microchip Technology MCP73841 Datasheet HTML 6Page - Microchip Technology MCP73841 Datasheet HTML 7Page - Microchip Technology MCP73841 Datasheet HTML 8Page - Microchip Technology MCP73841 Datasheet HTML 9Page - Microchip Technology MCP73841 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MCP73841/2/3/4
DS21823B-page 6
 2004 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = [VREG(Typ) + 1V], IOUT = 10 mA and TA= +25°C.
FIGURE 2-1:
Battery Regulation Voltage
(VBAT) vs. Charge Current (IOUT).
FIGURE 2-2:
Battery Regulation Voltage
(VBAT) vs. Supply Voltage (VDD).
FIGURE 2-3:
Battery Regulation Voltage
(VBAT) vs. Supply Voltage (VDD).
FIGURE 2-4:
Supply Current (ISS) vs.
Charge Current (IOUT).
FIGURE 2-5:
Supply Current (ISS) vs.
Supply Voltage (VDD).
FIGURE 2-6:
Supply Current (ISS) vs.
Supply Voltage (VDD).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4.196
4.197
4.198
4.199
4.200
4.201
4.202
4.203
10
100
1000
IOUT (mA)
+55°C
+25°C
-5°C
MCP73841-4.2V
VDD = 5.2 V
4.196
4.197
4.198
4.199
4.200
4.201
4.202
4.203
4.5
6.0
7.5
9.0
10.5
12.0
VDD (V)
+55°C
+25°C
-5°C
MCP73841-4.2V
IOUT = 1000 mA
4.196
4.197
4.198
4.199
4.200
4.201
4.202
4.203
4.5
6.0
7.5
9.0
10.5
12.0
VDD (V)
MCP73841-4.2V
IOUT = 10 mA
+55°C
+25°C
-5°C
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
10
100
1000
IOUT (mA)
+25°C
+85°C
-45°C
MCP73841-4.2V
VDD = 5.2 V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
4.5
6.0
7.5
9.0
10.5
12.0
VDD (V)
+25°C
+85°C
-45°C
MCP73841-4.2V
IOUT = 1000 mA
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
4.5
6.0
7.5
9.0
10.5
12.0
VDD (V)
MCP73841-4.2V
IOUT = 10 mA
-45°C
+25°C
+85°C


Similar Part No. - MCP73841

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73841 MICROCHIP-MCP73841_13 Datasheet
416Kb / 26P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
1/29/12 2003-2013
More results

Similar Description - MCP73841

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73841 MICROCHIP-MCP73841_13 Datasheet
416Kb / 26P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
1/29/12 2003-2013
logo
Shenzhen Huazhimei Semi...
HM4088 HMSEMI-HM4088 Datasheet
489Kb / 12P
   Switched single-cell, two-cell lithium-ion/lithium polymer charge management chip
logo
Unisonic Technologies
UB2012 UTC-UB2012_12 Datasheet
263Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Texas Instruments
BQ2057CTSTRG4 TI-BQ2057CTSTRG4 Datasheet
1Mb / 30P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
11/29/12
MCP73826 MICROCHIP-MCP73826 Datasheet
422Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
2002-2013
MCP73826-42VCHTR MICROCHIP-MCP73826-42VCHTR Datasheet
425Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
01/18/02
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com