Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T52E5476M035C0100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T52E5476M035C0100
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T52E5476M035C0100 Datasheet(HTML) 1 Page - Vishay Siliconix

  T52E5476M035C0100 Datasheet HTML 1Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 2Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 3Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 4Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 5Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 6Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 7Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 8Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
T52
www.vishay.com
Vishay
Revision: 05-Oct-17
1
Document Number: 40216
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
vPolyTanTM Polymer Surface Mount Chip Capacitors,
Low Profile, Leadframeless Molded Type
PERFORMANCE / ELECTRICAL
CHARACTERISTICS
Operating Temperature: -55 °C to +105 °C
Capacitance Range: 47 μF to 1500 μF
Capacitance Tolerance: ± 20 %
Voltage Rating: 6.3 VDC to 35 VDC
FEATURES
• Ultra-low ESR
• 100 % surge current tested
• Molded case 7360, 7343 EIA size
• Lead (Pb)-free L-shaped face-down terminations
• 12 mm tape and reel packaging available per
EIA-481 standard
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• Decoupling, smoothing, filtering
• Bulk energy storage in Solid State Drives (SSD)
• Infrastructure equipment
• Storage and networking
• Computer motherboards
• Smartphones and tablets
ORDERING INFORMATION
T52
M1
337
M
016
C
0025
TYPE
CASE
CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING
TERMINATION /
PACKAGING
ESR
See
Ratings
and
Case
Codes
table.
This is expressed in
picofarads. The first
two digits are the
significant figures.
The third is the
number of zeros
to follow.
M = ± 20 %
This is expressed
in volts. To
complete the
three-digit block,
zeros precede the
voltage rating.
A decimal point is
indicated by an “R”
(6R3 = 6.3 V)
C = 100 % tin, 7" reel
Maximum
100 kHz ESR
in m
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
H (MAX.)
L
W
P1
P2 (REF.)
C
E5
7343-15
0.059
[1.5]
0.287 ± 0.012
[7.3 ± 0.3]
0.169 ± 0.012
[4.3 ± 0.3]
0.051 ± 0.008
[1.3 ± 0.2]
0.191
[4.85]
0.094 ± 0.008
[2.4 ± 0.2]
E1
7343-20
0.079
[2.0]
0.287 ± 0.012
[7.3 ± 0.3]
0.169 ± 0.012
[4.3 ± 0.3]
0.051 ± 0.008
[1.3 ± 0.2]
0.191
[4.85]
0.094 ± 0.008
[2.4 ± 0.2]
M1
7360-20
0.079
[2.0]
0.287 ± 0.012
[7.3 ± 0.3]
0.236 ± 0.012
[6.0 ± 0.3]
0.051 ± 0.008
[1.3 ± 0.2]
0.191
[4.85]
0.161 ± 0.008
[4.1 ± 0.2]
Anode
termination
Cathode
termination
Anode polarity mark
0.25 Ref.
AA
View A
Both sides typical
P2
P1
P1
L


Similar Part No. - T52E5476M035C0100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T52 VISHAY-T52 Datasheet
672Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
01-Jan-2023
logo
Magnetrol International...
T52-1E2A-BKP MAGNETROL-T52-1E2A-BKP Datasheet
267Kb / 8P
   Side Mounting Liquid Level Switches
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
   Side Mounting Liquid Level Controls
logo
Kemet Corporation
T520 KEMET-T520 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520 KEMET-T520 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
More results

Similar Description - T52E5476M035C0100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T52 VISHAY-T52_V01 Datasheet
672Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
01-Jan-2023
T59 VISHAY-T59_V01 Datasheet
668Kb / 18P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
01-Jan-2023
T59 VISHAY-T59 Datasheet
556Kb / 15P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
Revision: 19-Oct-16
T58 VISHAY-T58 Datasheet
558Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 02-Nov-16
T58 VISHAY-T58_17 Datasheet
565Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 05-Oct-17
T58 VISHAY-T58_V01 Datasheet
665Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
01-Jan-2023
DLA20021 VISHAY-DLA20021_V01 Datasheet
635Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, DLA Approved
01-Jan-2023
T54 VISHAY-T54 Datasheet
558Kb / 15P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
Revision: 05-Oct-17
T54 VISHAY-T54_V01 Datasheet
723Kb / 24P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
01-Jan-2023
T55 VISHAY-T55_17 Datasheet
595Kb / 23P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, High Performance Type
Revision: 25-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com