Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB225SKW015C-1JF Datasheet(PDF) 11 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB225SKW015C-1JF
Description  General Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB225SKW015C-1JF Datasheet(HTML) 11 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button UB225SKW015C-1JF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKW015C-1JF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKW015C-1JF Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKW015C-1JF Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKW015C-1JF Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKW015C-1JF Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKW015C-1JF Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKW015C-1JF Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKW015C-1JF Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Series UB2
Low Profile Pushbuttons
D102
D
www.nkkswitches.com
OPTIONAL ACCESSORIES
(21.0)
.827
Center Position
End Position
(20.07)
.790
(1.2)
.047
(20.07)
.790
(24.28)
.956
(4.8)
.189
(4.1) Typ
.161
(13.3)
.524
(1.2)
.047
Barriers for Snap-in Mount
AT4143
End
AT4144
Center
Material: Polyamide
Cutouts for more than 1 Switch:
A = .799” (20.3mm) x Number of Switches +
.063” (1.6mm)
Dust Cover
AT4145 Not for use with barriers.
Materials:
Lid: Clear PVC
Operating temperature range:
0°C ~ +70°C (32°F ~ 158°C).
Gasket: Polyethylene
Recommended Panel Thickness
.039” ~ .098” (1.0mm ~ 2.5mm)
(25.2) Sq
.992
(17.7)
.697
(17.1)
.673
(17.7)
.697
(17.1)
.673
(17.0) Sq
.669
Cap Height
When
Assembled
(6.4)
.252
(2.5)
.098
Spring Loaded Protective Guard for Snap-in Model
AT4142
Opens 180°
Closes automatically
Materials:
Cover: Clear Polycarbonate
Base: Black GFR Polyamide
Coil Spring: Stainless Steel
Recommended Panel Thickness:
.039” ~ .106” (1.0mm ~ 2.7mm)
(19.5)
.768
(21.5)
.846
(11.1)
.437
(21.7)
.854
(6.5)
.256
Cap Height
When
Assembled
(19.1)
.752
(16.1)
.634
(19.1)
.752
(8.05)
.317
A
(17.4) Min
.685


Similar Part No. - UB225SKW015C-1JF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB225SKW015C-1JB NKK-UB225SKW015C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
UB225SKW015C-1JC NKK-UB225SKW015C-1JC Datasheet
404Kb / 12P
   Low Profile Pushbuttons
More results

Similar Description - UB225SKW015C-1JF

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com