Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDFP1000-1215 Datasheet(PDF) 4 Page - Advanced Semiconductor

Part # PDFP1000-1215
Description  Input and Output Matched to 50 Ohms
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

PDFP1000-1215 Datasheet(HTML) 4 Page - Advanced Semiconductor

  PDFP1000-1215 Datasheet HTML 1Page - Advanced Semiconductor PDFP1000-1215 Datasheet HTML 2Page - Advanced Semiconductor PDFP1000-1215 Datasheet HTML 3Page - Advanced Semiconductor PDFP1000-1215 Datasheet HTML 4Page - Advanced Semiconductor PDFP1000-1215 Datasheet HTML 5Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
REV. B
7525 ETHEL AVENUE NORTH HOLLYWOOD, CA 91605 (818) 982-1200 WWW.ADSEMI.COM
Specifications are subject to change without notice.


Similar Part No. - PDFP1000-1215

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
PDF-1200-24S TOPPOWER-PDF-1200-24S Datasheet
792Kb / 5P
   1200W wide input AC/DC switching power supply
PDF-1200-36S TOPPOWER-PDF-1200-36S Datasheet
792Kb / 5P
   1200W wide input AC/DC switching power supply
PDF-1200-48S TOPPOWER-PDF-1200-48S Datasheet
792Kb / 5P
   1200W wide input AC/DC switching power supply
logo
Merrimac Industries, In...
PDF-2A-100 MERRIMAC-PDF-2A-100 Datasheet
85Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDF-2A-1000 MERRIMAC-PDF-2A-1000 Datasheet
85Kb / 1P
   0 POWER DIVIDERS / COMBINERS
More results

Similar Description - PDFP1000-1215

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5031 PASTERNACK-PE15A5031 Datasheet
694Kb / 7P
   50 Ohms Input and Output Matched
PE15A5033 PASTERNACK-PE15A5033 Datasheet
701Kb / 8P
   50 Ohms Input and Output Matched
PE15A5031F PASTERNACK-PE15A5031F Datasheet
782Kb / 8P
   50 Ohms Input and Output Matched
PE15A5035 PASTERNACK-PE15A5035 Datasheet
669Kb / 7P
   50 Ohms Input and Output Matched
PE15A5032 PASTERNACK-PE15A5032 Datasheet
1Mb / 8P
   50 Ohms Input and Output Matched
PE15A5016 PASTERNACK-PE15A5016 Datasheet
536Kb / 6P
   50 Ohms Input and Output Matched
PE15A5034 PASTERNACK-PE15A5034 Datasheet
792Kb / 7P
   50 Ohms Input and Output Matched
PE15A5028F PASTERNACK-PE15A5028F Datasheet
450Kb / 4P
   50 Ohms Input and Output Matched
PE15A5019 PASTERNACK-PE15A5019 Datasheet
732Kb / 7P
   50 Ohms Input and Output Matched
PE15A3008 PASTERNACK-PE15A3008 Datasheet
596Kb / 5P
   50 Ohm Input and Output Matched
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com