Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

399-1236-2-ND Datasheet(PDF) 5 Page - Advanced Semiconductor

Part # 399-1236-2-ND
Description  Excellent Thermal Stability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

399-1236-2-ND Datasheet(HTML) 5 Page - Advanced Semiconductor

  399-1236-2-ND Datasheet HTML 1Page - Advanced Semiconductor 399-1236-2-ND Datasheet HTML 2Page - Advanced Semiconductor 399-1236-2-ND Datasheet HTML 3Page - Advanced Semiconductor 399-1236-2-ND Datasheet HTML 4Page - Advanced Semiconductor 399-1236-2-ND Datasheet HTML 5Page - Advanced Semiconductor 399-1236-2-ND Datasheet HTML 6Page - Advanced Semiconductor 399-1236-2-ND Datasheet HTML 7Page - Advanced Semiconductor 399-1236-2-ND Datasheet HTML 8Page - Advanced Semiconductor 399-1236-2-ND Datasheet HTML 9Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HVVi Semiconductors, Inc.
ISO 9001:2000 Certified
EG-01-DS18A
10235 S. 51
st St. Suite 100
Tel: (866) 429-HVVi (4884) or visit www.hvvi.com
07/15/2010
Phoenix, Az. 85044
© 2009 HVVi Semiconductors, Inc. All Rights Reserved.
5
HVV1012-550 High Voltage, High Ruggedness
L-Band High Power Pulsed Transistor
1025-1150 MHz, 10µs Pulse, 1% Duty
For Airborne DME Applications
!
!
!
!!!!!!!!!!!!
!
Typical device performance under Class AB mode of operation and RF pulse conditions of 10µs pulse width
and 1% duty cycle with VDD = 50V and IDQ = 100mA. The device was measured at an input power of 12W.
!
!!!!!!!!!!!!
!
Typical device performance under Class AB mode of operation and RF pulse conditions of 10µs pulse width
and 1% duty cycle with VDD = 50V and IDQ = 100mA. The device was measured at an input power of 12W.


Similar Part No. - 399-1236-2-ND

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
399-1236-2-ND ASI-399-1236-2-ND Datasheet
1Mb / 9P
   Silicon MOSFET Technology
More results

Similar Description - 399-1236-2-ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
   Excellent thermal stability
January 2013 Rev 1
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
   Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
   Excellent thermal stability
April 2014 Rev 3
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
   Excellent thermal stability
October 2011 Rev 3
STAC2943 STMICROELECTRONICS-STAC2943 Datasheet
350Kb / 12P
   Excellent thermal stability
January 2012 Rev 1
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
   Excellent thermal stability
January 2012 Rev 1
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
   Excellent thermal stability
January 2014 Rev 7
STAC4932F STMICROELECTRONICS-STAC4932F Datasheet
330Kb / 12P
   Excellent thermal stability
September 2010 Rev 3
STAC4933 STMICROELECTRONICS-STAC4933 Datasheet
398Kb / 12P
   Excellent thermal stability
May 2017 Rev 2
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
   Excellent thermal stability
May 2013 Rev 1
PD84006-E STMICROELECTRONICS-PD84006-E Datasheet
214Kb / 11P
   Excellent thermal stability
May 2012 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com