Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-0B06PRA004RC-L022C09 Datasheet(PDF) 8 Page - Vincotech

Part # 10-0B06PRA004RC-L022C09
Description  IGBT in TRENCHSTOP RC technology
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-0B06PRA004RC-L022C09 Datasheet(HTML) 8 Page - Vincotech

Back Button 10-0B06PRA004RC-L022C09 Datasheet HTML 4Page - Vincotech 10-0B06PRA004RC-L022C09 Datasheet HTML 5Page - Vincotech 10-0B06PRA004RC-L022C09 Datasheet HTML 6Page - Vincotech 10-0B06PRA004RC-L022C09 Datasheet HTML 7Page - Vincotech 10-0B06PRA004RC-L022C09 Datasheet HTML 8Page - Vincotech 10-0B06PRA004RC-L022C09 Datasheet HTML 9Page - Vincotech 10-0B06PRA004RC-L022C09 Datasheet HTML 10Page - Vincotech 10-0B06PRA004RC-L022C09 Datasheet HTML 11Page - Vincotech 10-0B06PRA004RC-L022C09 Datasheet HTML 12Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
10-0B06PRA004RC-L022C09
datasheet
Copyright Vincotech
8
13 Feb. 2017 / Revision 2
Inverter Switching Definitions
Figure 1.
IGBT
Figure 2.
IGBT
Typical switching energy losses as a function of collector current
Typical switching energy losses as a function of gate resistor
E = f(I C)
E = f(R G)
With an inductive load at
25
°C
With an inductive load at
25
°C
V CE =
400
V
T j:
125 °C
V CE =
400
V
T j:
125 °C
V GE =
±15
V
150 °C
V GE =
±15
V
150 °C
R gon =
64
I C =
4
A
R goff =
64
Figure 3.
FWD
Figure 4.
FWD
Typical reverse recovery energy loss as a function of collector current
Typical reverse recovery energy loss as a function of gate resistor
E rec = f(I c)
E rec = f(R G)
With an inductive load at
25
°C
With an inductive load at
25
°C
V CE =
400
V
T j:
125 °C
V CE=
400
V
T j:
125 °C
V GE =
±15
V
150 °C
V GE=
±15
V
150 °C
R gon =
64
I C=
4
A
Erec
Erec
0
0,02
0,04
0,06
0,08
0,1
0,12
0,14
0
1
2
3
4
5
6
7
8
IC(A)
Erec
Erec
0
0,02
0,04
0,06
0,08
0,1
0,12
0
50
100
150
200
250
300
RG(
)
Eoff
Eon
Eon
Eoff
0
0,05
0,1
0,15
0,2
0,25
0,3
0,35
0
1
2
3
4
5
6
7
8
IC(A)
Eoff
Eon
Eon
0
0,05
0,1
0,15
0,2
0,25
0,3
0,35
0
50
100
150
200
250
300
RG (
)
Eoff


Similar Part No. - 10-0B06PRA004RC-L022C09

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-0B06PPA004RC-L022A09 VINCOTECH-10-0B06PPA004RC-L022A09 Datasheet
2Mb / 24P
   CONVERTER, PFC, inverter in one housing
10-0B06PPA004RC-L023A09 VINCOTECH-10-0B06PPA004RC-L023A09 Datasheet
2Mb / 29P
   Converter, PFC, inverter in one housing
10-0B06PPA004RC-L025A09 VINCOTECH-10-0B06PPA004RC-L025A09 Datasheet
3Mb / 29P
   Converter, PFC, inverter in one housing
10-0B06PPA006RC-L023A09 VINCOTECH-10-0B06PPA006RC-L023A09 Datasheet
2Mb / 24P
   Converter, PFC, inverter in one housing
10-0B06PPA010RC-L025A09 VINCOTECH-10-0B06PPA010RC-L025A09 Datasheet
2Mb / 24P
   Converter, PFC, inverter
More results

Similar Description - 10-0B06PRA004RC-L022C09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGU04N60T INFINEON-IGU04N60T Datasheet
349Kb / 12P
   IGBT in TRENCHSTOP technology
Rev. 2.0 24.02.2014
IGU04N60T INFINEON-IGU04N60T_16 Datasheet
464Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??technology
Rev. 2.1 17.02.2016
IGB50N60T INFINEON-IGB50N60T_09 Datasheet
467Kb / 12P
   Low Loss IGBT in TrenchStop technology
Rev. 2.5 04.03.2009
IGD06N60T INFINEON-IGD06N60T Datasheet
460Kb / 12P
   IGBT in TRENCHSTOP and Fieldstop technology
Rev. 2.2, 20.09.2013
IGB30N60T INFINEON-IGB30N60T_09 Datasheet
465Kb / 12P
   Low Loss IGBT in TrenchStop technology
Rev. 2.3 04.03.2009
IHW40T60 INFINEON-IHW40T60 Datasheet
462Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop-technology
Rev. 2.0 Sep. 08
IGW50N60T INFINEON-IGW50N60T_15 Datasheet
495Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGP15N60T INFINEON-IGP15N60T_15 Datasheet
502Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.4 30.04.2015
IGB30N60T INFINEON-IGB30N60T_15 Datasheet
674Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.5 19.05.2015
IGB15N60T INFINEON-IGB15N60T_15 Datasheet
688Kb / 12P
   Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 30.04.2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com