Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXT000116 Datasheet(PDF) 2 Page - Advanced Semiconductor

Part # FXT000116
Description  Silicon MOSFET Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

FXT000116 Datasheet(HTML) 2 Page - Advanced Semiconductor

  FXT000116 Datasheet HTML 1Page - Advanced Semiconductor FXT000116 Datasheet HTML 2Page - Advanced Semiconductor FXT000116 Datasheet HTML 3Page - Advanced Semiconductor FXT000116 Datasheet HTML 4Page - Advanced Semiconductor FXT000116 Datasheet HTML 5Page - Advanced Semiconductor FXT000116 Datasheet HTML 6Page - Advanced Semiconductor FXT000116 Datasheet HTML 7Page - Advanced Semiconductor FXT000116 Datasheet HTML 8Page - Advanced Semiconductor FXT000116 Datasheet HTML 9Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HVVi Semiconductors, Inc.
ISO 9001:2000 Certified
EG-01-DS15A
10235 S. 51st St. Suite 100
Tel: (866) 429-HVVi (4884) or visit www.hvvi.com
07/15/2010
Phoenix, Az. 85044
© 2009 HVVi Semiconductors, Inc. All Rights Reserved.
2
H V V1011-600 High Voltage, High Ruggedness
L-Band High Power Pulsed Transistor
1030/1090 MHz, 50µs Pulse, 2% Duty
For TCAS, IF F and Mode-S Applications
!
!
!
!
!
!
!
!
!
!
!
!
!
The HVV1011-600 device is capable of withstanding an output load mismatch corresponding to a 20:1 VSWR at
rated output power and nominal operating voltage across the frequency band of operation.
!
!
!
!
!
!
Typical performance at 1030 MHz at an input power of 12W.
!
!
!
"#$%&'! ()*)$+,+*!
-)'.+!
/01,!
-2""!
2*)103"&.*4+!-&',)5+!
67!
-!
-8""!
8),+3"&.*4+!-&',)5+!
39:;!9:!
-!
<2"=$)>?! 2*)10!@.**+0,!
A:!
B!
(29!
(&C+*!21DD1E),1&0!
FG7:!
H!
(10!
<0E.,!(&C+*!
FI!
H!
J"!
",&*)5+!J+$E+*),.*+!
3A:!,&!
K97:!
L@!
JM!
M.04,1&0!J+$E+*),.*+!
F::!
L@!
!"#$%&'
()*)#+,+*'
-).'
/01,'
M@
F!
JN+*$)'!O+D1D,)04+!
:P:I7!
L@QH!
"#$%&'! ()*)$+,+*! J+D,!@&0R1,1&0!
S)>!
/01,D!
TSJF!
T&)R!
S1D$),4N!
J&'+*)04+!
U!V!9:6:!SWX!
F:Y9!
-"HO!
"#$%&'!
()*)$+,+*!
@&0R1,1&0D!
S10!
J#E14)'!
S)>!
/01,!
-ZO=2""?!
2*)103"&.*4+!Z*+)[R&C0!
-8"V:-;<2V7$B!
67!
9:F!
3!
-!
<2""!
2*)10!T+)[)5+!@.**+0,!
-8"V:-;-2"V7:-!
3!
9::!
A::!
\B!
<8""!
8),+!T+)[)5+!@.**+0,!
-8"V7-;-2"V:-!
3!
F!
9:!
\B!
8(F!
(&C+*!8)10!
UV9:6:SWX;!(10V9FH!
9I!
9]!
3!
RZ!
<OTF!
<0E.,!O+,.*0!T&DD!
UV9:6:SWX;!(10V9FH!
3!
39]!
39F!
RZ!
2
F!
2*)10!^__141+04#!
UV9:6:SWX;!(10V9FH!
7F!
7`!
3!
a!
(&.,!
(&C+*!b.,!
UV9:6:SWX;!(10V9FH!
3!
I97!
3!
H!
-8"=c?G!
8),+!c.1+D4+0,!-&',)5+!
-22V7:-;<2cV9::$B!
9P:!
9PA!
9PI!
-!
-JW!
JN*+DN&'R!-&',)5+!
-22V7-;!<2VG::\B!
:PI!
9PF!
9PI!
-!
8(F!
(&C+*!8)10!
UV9:G:SWX;!(10V9FH!
3!
9IP7!
3!
RZ!
<OTF!
<0E.,!O+,.*0!T&DD!
UV9:G:SWX;!(10V9FH!
3!
39F!
3!
RZ!
2
F!
2*)10!^__141+04#!
UV9:G:SWX;!(10V9FH!
3!
77!
3!
a!
(&.,!
(&C+*!b.,!
UV9:G:SWX;!(10V9FH!
3!
`I:!
3!
H!
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATING (IEC 134)
THERMAL/RUGGEDNESS PERFORMANCE


Similar Part No. - FXT000116

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
FXT000116 ASI-FXT000116 Datasheet
1Mb / 9P
   Excellent Thermal Stability
More results

Similar Description - FXT000116

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HVV1012-250 ASI-HVV1012-250 Datasheet
2Mb / 5P
   Silicon MOSFET Technology
logo
International Rectifier
IRF66651PBF IRF-IRF66651PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6785MPBF IRF-IRF6785MPBF_15 Datasheet
609Kb / 9P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF_15 Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6665PBF IRF-IRF6665PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6775MPBF IRF-IRF6775MPBF_15 Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6641PBF IRF-IRF6641PBF Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
IRF6643PBF IRF-IRF6643PBF Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6775MPBF IRF-IRF6775MPBF Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6665PBF IRF-IRF6665PBF_15 Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com