Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5919CC-TB-7 Datasheet(PDF) 6 Page - Advanced Semiconductor

Part # 5919CC-TB-7
Description  All Gold Bonding Scheme
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

5919CC-TB-7 Datasheet(HTML) 6 Page - Advanced Semiconductor

  5919CC-TB-7 Datasheet HTML 1Page - Advanced Semiconductor 5919CC-TB-7 Datasheet HTML 2Page - Advanced Semiconductor 5919CC-TB-7 Datasheet HTML 3Page - Advanced Semiconductor 5919CC-TB-7 Datasheet HTML 4Page - Advanced Semiconductor 5919CC-TB-7 Datasheet HTML 5Page - Advanced Semiconductor 5919CC-TB-7 Datasheet HTML 6Page - Advanced Semiconductor 5919CC-TB-7 Datasheet HTML 7Page - Advanced Semiconductor 5919CC-TB-7 Datasheet HTML 8Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HVVi Semiconductors, Inc.
ISO 9001:2000 Certified
EG-01-PO22X1
10235 S. 51
st St. Suite 100
Tel: (866) 429-HVVi (4884) or visit www.hvvi.com
1/5/10
Phoenix, Az. 85044
© 2010 HVVi Semiconductors, Inc. All Rights Reserved.
6
HVV1214-140 (Preliminary Datasheet)
L-Band Pulsed Power Transistor
1200-1400 MHz, 200µs Pulse, 10% Duty Cycle
For Ground Based Radar Applications
Frequency
Zin* (ohms)
Zout* (ohms)
1200MHz
1.7-j4.1
4.5-j7.6
1250MHz
1.6-j3.4
4.1-j6.7
1300MHz
1.5-j2.9
3.9-j6.0
1350MHz
1.3-j2.4
3.6-j5.2
1400MHz
1.2-j1.8
3.4-j4.5
Zin*
Zout*
Output
Impedance
Matching Network
Input
Impedance
Matching Network
Test Circuit Impedances
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!!
!
!!!!!
Zo = 10
ZIN
*
ZOUT
*
1030MHz
1030MHz


Similar Part No. - 5919CC-TB-7

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
5919CC-TB-7 ASI-5919CC-TB-7 Datasheet
1Mb / 9P
   Silicon MOSFET Technology
5919CC-TB-7 ASI-5919CC-TB-7 Datasheet
2Mb / 5P
   Silicon MOSFET Technology
5919CC-TB-7 ASI-5919CC-TB-7 Datasheet
1Mb / 9P
   Excellent Thermal Stability
More results

Similar Description - 5919CC-TB-7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTK5128 ETC2-LTK5128 Datasheet
698Kb / 10P
   FM scheme
logo
Central Semiconductor C...
CBR1F CENTRAL-CBR1F Datasheet
664Kb / 3P
   Inventory bonding
logo
Samsung semiconductor
KS57P2316 SAMSUNG-KS57P2316 Datasheet
49Kb / 4P
   BONDING DIAGRAM
logo
List of Unclassifed Man...
1351692 ETC2-1351692 Datasheet
93Kb / 2P
   Shielding and Bonding Cable
logo
3M Electronics
AU-205 3M-AU-205 Datasheet
61Kb / 5P
   3M??Magnet Bonding Adhesive
logo
List of Unclassifed Man...
1344171 ETC2-1344171 Datasheet
93Kb / 2P
   Shielding and Bonding Cable.
logo
UMPCO, Inc.
AS7351 UMPCO-AS7351 Datasheet
72Kb / 1P
   CLAMP, LOOP TYPE BONDING
logo
List of Unclassifed Man...
1345387 ETC2-1345387 Datasheet
93Kb / 2P
   Shielding and Bonding Cable.
1351630 ETC2-1351630 Datasheet
92Kb / 2P
   Shielding and Bonding Cable.
logo
Shenzhen Huazhimei Semi...
HM7161 HMSEMI-HM7161 Datasheet
728Kb / 9P
   Dimming stroboscopic scheme application circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com