Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-F007NRA050SG-P966F09 Datasheet(PDF) 4 Page - Vincotech

Part # 10-F007NRA050SG-P966F09
Description  Low inductance layout
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-F007NRA050SG-P966F09 Datasheet(HTML) 4 Page - Vincotech

  10-F007NRA050SG-P966F09 Datasheet HTML 1Page - Vincotech 10-F007NRA050SG-P966F09 Datasheet HTML 2Page - Vincotech 10-F007NRA050SG-P966F09 Datasheet HTML 3Page - Vincotech 10-F007NRA050SG-P966F09 Datasheet HTML 4Page - Vincotech 10-F007NRA050SG-P966F09 Datasheet HTML 5Page - Vincotech 10-F007NRA050SG-P966F09 Datasheet HTML 6Page - Vincotech 10-F007NRA050SG-P966F09 Datasheet HTML 7Page - Vincotech 10-F007NRA050SG-P966F09 Datasheet HTML 8Page - Vincotech 10-F007NRA050SG-P966F09 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
10-F007NRA050SG-P966F09
datasheet
Parameter
Symbol
Unit
V GE [V]
V GS [V]
V r [V]
V CE [V]
V DS [V]
I C [A]
I F [A]
I D [A]
T j [°C]
Min
Typ
Max
Characteristic Values
Value
Conditions
25
1,6
2,06
2,3
125
2,14
25
44
125
45
25
5
125
8
25
148
125
192
25
71
125
110
25
0,37
125
0,63
25
1,25
125
1,93
Thermal resistance junction to sink
R th(j-s)
0,94
Thermal resistance junction to case
R th(j-c)
0,62
25
1,60
2,01
2,60
125
1,66
Thermal resistance junction to sink
R th(j-s)
1,92
Thermal resistance junction to case
R th(j-c)
1,27
25
2
2,30
2,9
125
2,40
25
65
125
67
25
43
125
122
25
2,24
125
4,25
25
5361
125
3861
25
0,59
125
1,18
Thermal resistance junction to sink
R th(j-s)
1,56
Thermal resistance junction to case
R th(j-c)
1,03
25
5
5,8
6,5
V
mWs
Ω
K/W
25
Ω
25
60
ns
A
μA
µC
K/W
35
V
25
0,005
120
25
1950
Turn-on energy loss
Boost Switch
Gate-emitter leakage current
Turn-off delay time
Collector-emitter saturation voltage
Collector-emitter cut-off incl diode
Turn-on delay time
Rise time
Fall time
Gate emitter threshold voltage
Integrated Gate resistor
E off
Gate charge
Input capacitance
Output capacitance
C rss
C oss
C ies
Reverse transfer capacitance
Turn-off energy loss
Boost Diode
Diode forward voltage
V F
Reverse current
I r
t d(off)
t r
t d(on)
R gint
I GES
V GE(th)
0,0012
+4,5
7
25
K/W
mWs
A/µs
ns
pF
21511
250
mW/K
%
mW
100
210
3,5
-4,5
tbd.
115
25
25
nC
R 100 = 1486 Ω
155
35
Power dissipation constant
Power dissipation
P
25
25
Δ R/R
Rated resistance
R
Deviation of R
100
Thermistor
phase-change
material
λ = 3,4 W/mK
phase-change
material
λ = 3,4 W/mK
±15
R gon = 4 Ω
20
0
480
15
0
0
15
none
R gon = 4 Ω
±15
I RRM
Reverse recovery energy
t rr
Q rr
E rec
Reverse recovery time
Peak rate of fall of recovery current
Peak reverse recovery current
Reverse recovered charge
( di rf/dt )max
Diode forward voltage
V CE = V GE
R goff = 4 Ω
Thermal grease
thickness≤50um
λ = 1 W/mK
t f
I CES
V CEsat
Reverse leakage current
V F
I r
f = 1 MHz
E on
Boost Sw. Protection Diode
Q G
1200
25
350
35
1200
350
25
35
B-value
B (25/50)
B-value
B (25/100)
Tol. ±1%
25
25
E
Vincotech NTC Reference
K
μA
mA
nA
V
V
K
3884
3964
1200
copyright Vincotech
4
20 Jun. 2016 / Revision 2


Similar Part No. - 10-F007NRA050SG-P966F09

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-F007NIA030SM-P965F39 VINCOTECH-10-F007NIA030SM-P965F39 Datasheet
322Kb / 9P
   Reactive power capability
10-F007NIA030SM01-P965F49 VINCOTECH-10-F007NIA030SM01-P965F49 Datasheet
326Kb / 9P
   Neutral Point clamped inverter
More results

Similar Description - 10-F007NRA050SG-P966F09

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P629-F63-PM VINCOTECH-V23990-P629-F63-PM Datasheet
1Mb / 18P
   Low Inductance Layout
logo
Rosenberger Hochfrequen...
MB-522 ROSENBERGER-MB-522 Datasheet
172Kb / 2P
   Leiterplatten-Layout PCB Layout
21.08.2019
logo
Ohmite Mfg. Co.
RES-P OHMITE-RES-P Datasheet
114Kb / 1P
   Low Inductance
ACL-AP725 OHMITE-ACL-AP725 Datasheet
412Kb / 2P
   Low inductance
logo
M/A-COM Technology Solu...
KSV14XX MA-COM-KSV14XX Datasheet
395Kb / 2P
   Low Inductance
logo
List of Unclassifed Man...
GA-H61M-S1 ETC1-GA-H61M-S1 Datasheet
13Mb / 40P
   Motherboard Layout
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
List of Unclassifed Man...
GA-E3000N ETC-GA-E3000N Datasheet
10Mb / 31P
   Motherboard Layout
logo
AVX Corporation
0612YC105KAT2A AVX-0612YC105KAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224KAT2V AVX-0612YC224KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com