Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90467P-SH Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90467P-SH
Description  16-bit Proprietary Microcontroller
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90467P-SH Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90467P-SH Datasheet HTML 1Page - Fujitsu Component Limited. MB90467P-SH Datasheet HTML 2Page - Fujitsu Component Limited. MB90467P-SH Datasheet HTML 3Page - Fujitsu Component Limited. MB90467P-SH Datasheet HTML 4Page - Fujitsu Component Limited. MB90467P-SH Datasheet HTML 5Page - Fujitsu Component Limited. MB90467P-SH Datasheet HTML 6Page - Fujitsu Component Limited. MB90467P-SH Datasheet HTML 7Page - Fujitsu Component Limited. MB90467P-SH Datasheet HTML 8Page - Fujitsu Component Limited. MB90467P-SH Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 85 page
background image
MB90460 Series
2
(Continued)
• Instruction set optimized for controller applications
Supported data types : bit, byte, word, and long-word types
Standard addressing modes : 23 types
32-bit accumulator enhancing high-precision operations
Signed multiplication/division and extended RETI instructions
• Enhanced high level language (C) and multi-tasking support instructions
Use of a system stack pointer
Symmetrical instruction set and barrel shift instructions
• Program patch function (for two address pointers)
• Enhanced execution speed : 4 byte instruction queue
• Enhanced interrupt function
Up to eight programmable priority levels
External interrupt inputs : 8 lines
• Automatic data transmission function independent of CPU operation
Up to 16 channels for the extended intelligent I/O service
DTP request inputs : 8 lines
• Internal ROM
FLASH : 64 Kbyte (with flash security)
MASKROM : 64 Kbyte
• Internal RAM
EVA : 8 Kbyte
FLASH : 2 Kbyte
MASKROM : 2 Kbyte
• General-purpose ports
Up to 51 channels (Input pull-up resistor settable for : 16 channels)
• A/D Converter (RC) : 8 ch
8/10-bit resolution selectable
Conversion time : 6.13
µs (Min) , 16 MHz operation
• UART : 2 channels
• 16 bit PPG : 3 channels
Mode switching function provided (PWM mode or one-shot mode)
Can be worked with a multi-functional timer, a multi-pulse generator or individually
• 16 bit reload timer : 2 channels
Can be worked with multi-pulse generator or individually
• 16-bit PWC timer : 2 channels
• A multi-functional timer
Input capture : 4 channels
Output compare with selectable buffer : 6 channels
Free-run timer with up or up/down mode selection and selectable buffer : 1 channel
16-bit PPG : 1 channel
A waveform generator : (16-bit timer : 3 channels, 3-phase waveform or dead time)
• A multi-pulse generator
16-bit PPG : 1 channel
16-bit reload timer : 1 channel
Waveform sequencer : (16-bit timer with buffer and compare clear function)
• Time-base counter/watchdog timer : 18-bit


Similar Part No. - MB90467P-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90467P-SH FUJITSU-MB90467P-SH Datasheet
2Mb / 88P
   16-bit Proprietary Microcontroller
MB90467P-SH FUJITSU-MB90467P-SH Datasheet
2Mb / 88P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90467P-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com