Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90460 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90460
Description  16-bit Proprietary Microcontroller
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90460 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90460 Datasheet HTML 5Page - Fujitsu Component Limited. MB90460 Datasheet HTML 6Page - Fujitsu Component Limited. MB90460 Datasheet HTML 7Page - Fujitsu Component Limited. MB90460 Datasheet HTML 8Page - Fujitsu Component Limited. MB90460 Datasheet HTML 9Page - Fujitsu Component Limited. MB90460 Datasheet HTML 10Page - Fujitsu Component Limited. MB90460 Datasheet HTML 11Page - Fujitsu Component Limited. MB90460 Datasheet HTML 12Page - Fujitsu Component Limited. MB90460 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
MB90460 Series
9
s
s
s
s PIN DESCRIPTION
(Continued)
Pin No.
Pin
name
I/O
circuit
Function
QFP-
M06*2
LQFP-
M09*1
SDIP*3
23, 24
22, 23
30, 31
X0, X1
A
Oscillation input pins.
20
19
27
RST
B
External reset input pin.
26 to
31
25 to
30
33 to
38
P00 to
P05
D
General-purpose I/O ports.
OPT0 to
OPT5*4
Output terminals OPT0 to 5 of the waveform sequencer.
These pins output the waveforms specified at the output data
registers of the waveform sequencer circuit. Output is generated
when OPE0 to 5 of OPCR is enabled.*4
32
31
39
P06
E
General-purpose I/O ports.
PWI0*4
PWC 0 signal input pin.*4
33
32
40
P07
E
General-purpose I/O ports.
PWO0*4
PWC 0 signal output pin.*4
34
33
41
P10
C
General-purpose I/O ports.
INT0
Can be used as interrupt request input channels 0. Input is en-
abled when 1 is set in EN0 in standby mode.
DTTI0
RTO0 to 5 pins for fixed-level input. This function is enabled
when the waveform generator enables its input bits.
35
34
42
P11
C
General-purpose I/O ports.
INT1
Can be used as interrupt request input channels 1. Input is en-
abled when 1 is set in EN1 in standby mode.
36
35
43
P12
C
General-purpose I/O ports.
INT2
Can be used as interrupt request input channels 2. Input is en-
abled when 1 is set in EN2 in standby mode.
DTTI1*4
OPT0 to 5 pins for fixed-level input. This function is enabled
when the waveform sequencer enables its input bit.*4
37 to
38
36 to
37
44 to
45
P13 to
P14
C
General-purpose I/O ports.
INT3 to
INT4
Can be used as interrupt request input channels 3 to 4.
Input is enabled when 1 is set in EN3 to EN4 in standby mode.
39
38
46
P15
C
General-purpose I/O ports.
INT5
Can be used as interrupt request input channel 5. Input is en-
abled when 1 is set in EN5 in standby mode.
TIN0
External clock input pin for reload timer 0.


Similar Part No. - MB90460

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90460 FUJITSU-MB90460 Datasheet
2Mb / 88P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90460

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com