Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH3D106K035E10R0 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TH3D106K035E10R0
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TH3D106K035E10R0 Datasheet(HTML) 2 Page - Vishay Siliconix

  TH3D106K035E10R0 Datasheet HTML 1Page - Vishay Siliconix TH3D106K035E10R0 Datasheet HTML 2Page - Vishay Siliconix TH3D106K035E10R0 Datasheet HTML 3Page - Vishay Siliconix TH3D106K035E10R0 Datasheet HTML 4Page - Vishay Siliconix TH3D106K035E10R0 Datasheet HTML 5Page - Vishay Siliconix TH3D106K035E10R0 Datasheet HTML 6Page - Vishay Siliconix TH3D106K035E10R0 Datasheet HTML 7Page - Vishay Siliconix TH3D106K035E10R0 Datasheet HTML 8Page - Vishay Siliconix TH3D106K035E10R0 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TH3
www.vishay.com
Vishay Sprague
Revision: 20-Jun-17
2
Document Number: 40084
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Glue pad (non-conductive, part of molded case) is dedicated for glue attachment (as user option)
Note
• ESR limits in
Ω are shown in parenthesis
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
L
W
H
P
TW
TH (MIN.)
A
3216-18
0.126 ± 0.008
[3.2 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.047 ± 0.004
[1.2 ± 0.10]
0.028
[0.70]
B
3528-21
0.138 ± 0.008
[3.5 ± 0.20]
0.110 ± 0.008
[2.8 ± 0.20]
0.075 ± 0.008
[1.9 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.028
[0.70]
C
6032-28
0.236 ± 0.012
[6.0 ± 0.30]
0.126 ± 0.012
[3.2 ± 0.30]
0.098 ± 0.012
[2.5 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.039
[1.0]
D
7343-31
0.287 ± 0.012
[7.3 ± 0.30]
0.169 ± 0.012
[4.3 ± 0.30]
0.110 ± 0.012
[2.8 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
E
7343-43
0.287 ± 0.012
[7.3 ± 0.30]
0.169 ± 0.012
[4.3 ± 0.30]
0.157 ± 0.012
[4.0 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.094 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
RATINGS AND CASE CODES
μF
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
0.33
A (11.0)
0.47
A (14.0)
0.68
1.0
A (6.5)
A (5.9)
A (3.0, 5.2) /
B (5.0)
A (6.6) / B (4.4)
C (3.3)
1.5
B (4.2) / C (3.3)
2.2
A (4.6)
A (4.3)
A (5.9) / B (3.5)
A (5.2) / B (3.0)
B (2.5) / C (2.2)
3.3
A (3.4) / B (3.0)
B (2.7) / C (3.7)
B (3.0) / C (2.0)
B (2.5, 3.5) /
C (1.7)
D (1.7)
4.7
A (2.9) / B (2.7)
A (2.9) / B (2.1)
A (5.0) /
B (2.9, 1.9) /
C (1.7)
A (5.0) / B (2.8) /
C (1.6)
B (3.1) / C (1.3) /
D (1.0)
C (1.5) / D (0.9)
6.8
A (2.6)
A (2.6, 2.0) /
B (1.8) / C (1.7)
B (2.4) / C (1.4)
C (1.8) / D (0.9)
D (0.9)
10
A (3.4, 2.7)
A (3.4, 2.0) /
B (1.8) /
C (1.8, 1.7)
B (2.0) /
C (1.4, 0.8)
C (1.1)
C (1.1) / D (0.9)
C (1.6) /
D (0.25, 0.3, 0.7)
D (0.8) / E (0.5)
15
B (1.8)
A (2.9, 2.0) /
B (2.0, 1.8, 1.5) /
C (1.8, 1.4)
B (2.0) / C (1.0)
B (2.0) / C (1.0) /
D (0.9)
B (1.4, 2.0) /
C (1.2) / D (0.7)
D (0.7)
22
B (2.0, 1.5)
B (1.5) /
C (1.5, 1.1)
B (1.9) /
C (0.8, 1.0) /
D (0.8)
C (1.0) / D (0.7)
D (0.6)
D (0.3, 0.6) /
E (0.5)
33
B (1.9, 1.7)
B (1.9, 1.4) /
D (0.8)
C (0.9, 0.6) /
D (0.6)
D (0.6)
D (0.5)
47
B (1.8) / C (0.8)
B (1.8) /
C (0.8, 0.5) /
D (0.6)
C (0.8, 0.6) /
D (0.6)
D (0.7) / E (0.6)
E (0.6)
68
B (1.8)
C (1.0, 0.8) /
D (1.0, 0.6, 0.4)
D (0.6)
E (0.6)
100
E (0.3)
C (0.9, 0.5) /
D (0.6)
D (0.6) /
E (0.6, 0.15)
150
D (0.6)
220
E (0.5)
L
T
H (MIN.)
H
W
T
W
P
Glue Pad
Glue Pad


Similar Part No. - TH3D106K035E10R0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH3D106K035E10R0 VISHAY-TH3D106K035E10R0 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
More results

Similar Description - TH3D106K035E10R0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH4 VISHAY-TH4 Datasheet
575Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 06-Dec-16
TH4 VISHAY-TH4_17 Datasheet
568Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 26-Jun-17
TH5 VISHAY-TH5 Datasheet
1Mb / 11P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, HI-TMP®, Very High Temperature 200 °C
Revision: 28-Sep-16
TH3B226K016C1900 VISHAY-TH3B226K016C1900 Datasheet
573Kb / 8P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT Molded Case, High Temperature 150 C
Revision: 27-Jun-13
293D VISHAY-293D_08 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D476X9010C2TE3 VISHAY-293D476X9010C2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D107X9016E2TE3 VISHAY-293D107X9016E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com