Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB225SKG035D-1JF Datasheet(PDF) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB225SKG035D-1JF
Description  General Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB225SKG035D-1JF Datasheet(HTML) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button UB225SKG035D-1JF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKG035D-1JF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKG035D-1JF Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKG035D-1JF Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKG035D-1JF Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKG035D-1JF Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKG035D-1JF Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKG035D-1JF Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. UB225SKG035D-1JF Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Series UB2
Low Profile Pushbuttons
D101
D
www.nkkswitches.com
180°
2
3
1
AT4170
Opens 180°
Closes automatically
Spring Loaded Protective Guard for Snap-in Mounting of PCB Model
Protective
Guard
Panel
Switch
PC Board
Installation
1 Install switch onto
PC board.
2 Snap protective
guard into panel.
3 Join the two
assemblies.
(19.5)
.768
(21.5)
.846
(11.1)
.437
(21.7)
.854
(6.5)
.256
(13.5)
.531
(18.0)
.709
(15.64)
.616
(18.1)
.713
(15.64)
.616
(40.0) Min*
1.575
(18.8) Sq
.740
(21.5)
.846 (N)
(N) = Number of switches
* Minimum dimension allows opening of cover to 180°
AT4170
(21.7)
.854
(21.5)
.846
OPTIONAL ACCESSORIES
Recommended Panel Thickness:
.039” ~ .126”
(1.0mm ~ 3.2mm)
Recommended Panel-to-PCB Range:
.531” (13.5mm)
Materials:
Cover: Clear Polycarbonate
Base: Black Polyamide
Coil Spring: Stainless Steel
Protective Guard for Snap-in Model
AT4141
Opens 90°
Closes manually
Materials:
Cover: Clear Polycarbonate
Base: Black GFR Polyamide
Recommended Panel Thickness:
.039” ~ .106” (1.0mm ~ 2.7mm)
(19.5)
.768
(21.5)
.846
(11.1)
.437
(21.7)
.854
(6.5)
.256
Cap Height
When
Assembled
(19.1)
.752
(16.1)
.634
(19.1)
.752
(8.05)
.317
(13.5)
.531


Similar Part No. - UB225SKG035D-1JF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB225SKG035D-1JB NKK-UB225SKG035D-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
More results

Similar Description - UB225SKG035D-1JF

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com