Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH3D106K035W10R0 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TH3D106K035W10R0
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TH3D106K035W10R0 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TH3D106K035W10R0 Datasheet HTML 2Page - Vishay Siliconix TH3D106K035W10R0 Datasheet HTML 3Page - Vishay Siliconix TH3D106K035W10R0 Datasheet HTML 4Page - Vishay Siliconix TH3D106K035W10R0 Datasheet HTML 5Page - Vishay Siliconix TH3D106K035W10R0 Datasheet HTML 6Page - Vishay Siliconix TH3D106K035W10R0 Datasheet HTML 7Page - Vishay Siliconix TH3D106K035W10R0 Datasheet HTML 8Page - Vishay Siliconix TH3D106K035W10R0 Datasheet HTML 9Page - Vishay Siliconix TH3D106K035W10R0 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TH3
www.vishay.com
Vishay Sprague
Revision: 20-Jun-17
6
Document Number: 40084
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
35 VDC AT +85 °C; 23 VDC AT +125 °C; 17.5 VDC AT +150 °C
0.33
A
TH3A334(1)035(3)11R0
0.5
4
11.00
0.08
1.0
A
TH3A105(1)035(3)6600
0.5
4
6.60
0.11
1.0
B
TH3B105(1)035(2)4400
0.5
4
4.40
0.14
1.5
B
TH3B155(1)035(2)4200
0.5
6
4.20
0.14
1.5
C
TH3C155(1)035(3)3300
0.5
6
3.30
0.18
2.2
B
TH3B225(1)035(2)2500
0.8
6
2.50
0.18
2.2
C
TH3C225(1)035(3)2200
0.8
6
2.20
0.22
3.3
B
TH3B335(1)035(2)3500
1.2
6
3.50
0.16
3.3
B
TH3B335(1)035(2)2500
1.2
6
2.50
0.18
3.3
C
TH3C335(1)035(3)1700
1.2
6
1.70
0.25
4.7
B
TH3B475(1)035(2)3100
1.7
6
3.10
0.17
4.7
C
TH3C475(1)035(3)1300
1.6
6
1.30
0.29
4.7
D
TH3D475(1)035(4)1000
1.6
6
1.00
0.39
6.8
C
TH3C685(1)035(3)1800
2.4
6
1.80
0.25
6.8
D
TH3D685(1)035(4)0900
2.4
6
0.90
0.41
10
C
TH3C106(1)035(3)1600
3.5
6
1.60
0.26
10
D
TH3D106(1)035(4)0700
3.5
6
0.70
0.46
10
D
TH3D106(1)035(4)0300
3.5
6
0.30
0.71
10
D
TH3D106(1)035(4)0250
3.5
6
0.25
0.77
15
D
TH3D156(1)035(4)0700
5.3
6
0.70
0.46
22
D
TH3D226(1)035(4)0600
7.7
6
0.60
0.50
22
D
TH3D226(1)035(4)0300
7.7
6
0.30
0.71
22
E
TH3E226(1)035(4)0500
7.7
6
0.50
0.61
50 VDC AT +85 °C; 33 VDC AT +125 °C; 25 VDC AT +150 °C
1.0
C
TH3C105(1)050(3)3300
0.5
4
3.30
0.18
3.3
D
TH3D335(1)050(4)1700
1.7
6
1.70
0.30
4.7
C
TH3C475(1)050(3)1500
2.4
6
1.50
0.27
4.7
D
TH3D475(1)050(4)0900
2.4
6
0.90
0.41
6.8
D
TH3D685(1)050(4)0900
3.4
6
0.90
0.41
10
D
TH3D106(1)050(4)0800
5.0
6
0.80
0.43
10
E
TH3E106(1)050(4)0500
5.0
6
0.50
0.61
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, D, E, F
(3) Termination and packaging: A, B, C, D, E, F
(4) Termination and packaging: A, B, C, D, E, F, V, U, T, W


Similar Part No. - TH3D106K035W10R0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH3D106K035A0500 VISHAY-TH3D106K035A0500 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TH3D106K035A10R0 VISHAY-TH3D106K035A10R0 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TH3D106K035A5000 VISHAY-TH3D106K035A5000 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TH3D106K035B0500 VISHAY-TH3D106K035B0500 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TH3D106K035B10R0 VISHAY-TH3D106K035B10R0 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
More results

Similar Description - TH3D106K035W10R0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH4 VISHAY-TH4 Datasheet
575Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 06-Dec-16
TH4 VISHAY-TH4_17 Datasheet
568Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 26-Jun-17
TH5 VISHAY-TH5 Datasheet
1Mb / 11P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, HI-TMP®, Very High Temperature 200 °C
Revision: 28-Sep-16
TH3B226K016C1900 VISHAY-TH3B226K016C1900 Datasheet
573Kb / 8P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT Molded Case, High Temperature 150 C
Revision: 27-Jun-13
293D VISHAY-293D_08 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D476X9010C2TE3 VISHAY-293D476X9010C2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D107X9016E2TE3 VISHAY-293D107X9016E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com