Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH3D106M035W10R0 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TH3D106M035W10R0
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 150 °C, Automotive Grade
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TH3D106M035W10R0 Datasheet(HTML) 3 Page - Vishay Siliconix

  TH3D106M035W10R0 Datasheet HTML 1Page - Vishay Siliconix TH3D106M035W10R0 Datasheet HTML 2Page - Vishay Siliconix TH3D106M035W10R0 Datasheet HTML 3Page - Vishay Siliconix TH3D106M035W10R0 Datasheet HTML 4Page - Vishay Siliconix TH3D106M035W10R0 Datasheet HTML 5Page - Vishay Siliconix TH3D106M035W10R0 Datasheet HTML 6Page - Vishay Siliconix TH3D106M035W10R0 Datasheet HTML 7Page - Vishay Siliconix TH3D106M035W10R0 Datasheet HTML 8Page - Vishay Siliconix TH3D106M035W10R0 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TH3
www.vishay.com
Vishay Sprague
Revision: 20-Jun-17
3
Document Number: 40084
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
“A” CASE VOLTAGE CODE
VOLTS
CODE
4.0
G
6.3
J
10
A
16
C
20
D
25
E
35
V
50
T
Marking
Capacitor marking includes an anode (+) polarity band, capacitance in microfarads and the voltage rating. “A” case capacitors use a letter
code for the voltage and EIA capacitance code.
The Vishay identification marking is included if space permits. Vishay marking (“circled 2”) may show additives in the form of short lines,
depicting actual manufacturing facility. For A case capacitors discontinuation in polarity bar maybe used as actual manufacturing facility
designation. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors. for details see FAQ: www.vishay.com/doc?40110.
Call the factory for further explanation.
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
(%)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
IRMS
(A)
6.3 VDC AT +85 °C; 4 VDC AT +125 °C; 3.15 VDC AT +150 °C
10
A
TH3A106(1)6R3(3)3400
0.6
6
3.40
0.15
10
A
TH3A106(1)6R3(3)2700
0.6
6
2.70
0.17
15
B
TH3B156(1)6R3(2)1800
0.9
6
1.80
0.22
22
B
TH3B226(1)6R3(2)2000
1.3
6
2.00
0.21
22
B
TH3B226(1)6R3(2)1500
1.3
6
1.50
0.24
33
B
TH3B336(1)6R3(2)1900
2.0
6
1.90
0.21
33
B
TH3B336(1)6R3(2)1700
2.0
6
1.70
0.22
47
B
TH3B476(1)6R3(2)1800
2.8
8
1.80
0.22
47
C
TH3C476(1)6R3(3)0800
2.8
6
0.80
0.37
68
B
TH3B686(1)6R3(2)1800
4.1
6
1.80
0.22
100
E
TH3E107(1)6R3(4)0300
6.0
6
0.30
0.74
10 VDC AT +85 °C; 7 VDC AT +125 °C; 5 VDC AT +150 °C
2.2
A
TH3A225(1)010(3)4600
0.5
6
4.60
0.13
4.7
A
TH3A475(1)010(3)2900
0.5
6
2.90
0.16
4.7
B
TH3B475(1)010(2)2700
0.5
6
2.70
0.18
6.8
A
TH3A685(1)010(3)2600
6.8
6
2.60
0.17
10
A
TH3A106(1)010(3)3400
1.0
6
3.40
0.15
10
A
TH3A106(1)010(3)2000
1.0
6
2.00
0.19
10
B
TH3B106(1)010(2)1800
1.0
6
1.80
0.22
10
C
TH3C106(1)010(3)1800
1.0
6
1.80
0.25
10
C
TH3C106(1)010(3)1700
1.0
6
1.70
0.25
15
A
TH3A156(1)010(3)2900
1.0
6
2.90
0.16
15
A
TH3A156(1)010(3)2000
1.0
6
2.00
0.19
15
B
TH3B156(1)010(2)2000
1.0
6
2.00
0.21
15
B
TH3B156(1)010(2)1800
1.0
6
1.80
0.22
15
B
TH3B156(1)010(2)1500
1.0
6
1.50
0.24
15
C
TH3C156(1)010(3)1800
1.0
6
1.80
0.25
15
C
TH3C156(1)010(3)1400
1.0
6
1.40
0.28
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, D, E, F
(3) Termination and packaging: A, B, C, D, E, F
(4) Termination and packaging: A, B, C, D, E, F, V, U, T, W
Capacitance code, pF
Indicates
high temperature
Polarity band (+)
Voltage
code
V 104H
A Case
Date code
designation
Date code
Vishay marking
Indicates high temperature
Voltage
Capacitance, μF
Polarity
band (+)
22
H10
XX
2
B, C, D, E Case


Similar Part No. - TH3D106M035W10R0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH3D106M035A0500 VISHAY-TH3D106M035A0500 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TH3D106M035A10R0 VISHAY-TH3D106M035A10R0 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TH3D106M035A5000 VISHAY-TH3D106M035A5000 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TH3D106M035B0500 VISHAY-TH3D106M035B0500 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TH3D106M035B10R0 VISHAY-TH3D106M035B10R0 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
More results

Similar Description - TH3D106M035W10R0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH4 VISHAY-TH4 Datasheet
575Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 06-Dec-16
TH4 VISHAY-TH4_17 Datasheet
568Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, HI-TMP® High Temperature 175 °C, Automotive Grade
Revision: 26-Jun-17
TH5 VISHAY-TH5 Datasheet
1Mb / 11P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, HI-TMP®, Very High Temperature 200 °C
Revision: 28-Sep-16
TH3B226K016C1900 VISHAY-TH3B226K016C1900 Datasheet
573Kb / 8P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT Molded Case, High Temperature 150 C
Revision: 27-Jun-13
293D VISHAY-293D_08 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D476X9010C2TE3 VISHAY-293D476X9010C2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D107X9016E2TE3 VISHAY-293D107X9016E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
TP3 VISHAY-TP3 Datasheet
135Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Revision: 04-Jun-08
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com