Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ4036 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MAZ4036
Description  Silicon planar type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ4036 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MAZ4036 Datasheet HTML 1Page - Panasonic Semiconductor MAZ4036 Datasheet HTML 2Page - Panasonic Semiconductor MAZ4036 Datasheet HTML 3Page - Panasonic Semiconductor MAZ4036 Datasheet HTML 4Page - Panasonic Semiconductor MAZ4036 Datasheet HTML 5Page - Panasonic Semiconductor MAZ4036 Datasheet HTML 6Page - Panasonic Semiconductor MAZ4036 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MAZ4000 Series
SKE00004CED
2
MAZ4020
1.88
2.24
MAZ40200L
1.88
2.12
0.5 120
  100 1 2000 −3.5 −1.5 0 375 450 Red Black Black
MAZ40200H
2.01
2.24
MAZ4022
2.08
2.45
MAZ40220L
2.08
2.33
0.7 120
  100 1 2000 −3.5 −1.5 0 375 450 Red
Red
Red
MAZ40220H
2.20
2.45
MAZ4024
2.28
2.4
2.7
MAZ40240L
2.28
2.56
1
120
  100 1 2000 −3.5 −1.6 0 375 450 Red Yellow Yellow
MAZ40240H
2.4
2.7
MAZ4027
2.5
2.7
2.9
MAZ40270L
2.5
2.75
1
100
  100 1 1000 −3.5 −2
0
350 450
Red
Purple Purple
MAZ40270H
2.65
2.9
MAZ4030
2.8
3.0
3.2
MAZ40300L
2.83
2.9
2.97
150
 85 100 1 1000 −3.5 −2.1 0 350 450 Orange Black Black
MAZ40300M
2.93
3.0
3.08
MAZ40300H
3.02
3.1
3.18
MAZ4033
3.1
3.3
3.5
MAZ40330L
3.12
3.2
3.28
120
 83 100 1 1000 −3.5 −2.4 0 325 450 Orange Orange Orange
MAZ40330M
3.22
3.3
3.38
MAZ40330H
3.32
3.4
3.49
MAZ4036
3.4
3.6
3.8
MAZ40360L
3.41
3.5
3.59
110
 81 100 1 1000 −3.5 −2.4 0 300 450 Orange Blue Blue
MAZ40360M
3.51
3.6
3.69
MAZ40360H
3.61
3.7
3.79
MAZ4039
3.7
3.9
4.1
MAZ40390L
3.71
3.8
3.9
110
 79 100 1 1000 −3.5 −2.5 0 300 450 Orange White White
MAZ40390M
3.8
3.9
4.0
MAZ40390H
3.9
4.0
4.1
MAZ4043
4.0
4.3
4.6
MAZ40430L
4.03
4.1
4.26
110
 75 100 1 1000 −3.5 −2.5 0 275 450 Yellow Orange Orange
MAZ40430M
4.17
4.3
4.4
MAZ40430H
4.31
4.4
4.54
MAZ4047
4.4
4.7
5.0
MAZ40470L
4.45
4.6
4.69
13
 50 80
1
900
−3.5 −1.4 0.2 130 180 Yellow Purple Purple
MAZ40470M
4.59
4.7
4.83
MAZ40470H
4.74
4.9
4.99
MAZ4051
4.8
5.1
5.4
MAZ40510L
4.87
5.0
5.12
22
 40 60
1
800
−2.7 0.8 1.2 110 160 Green Brown Brown
MAZ40510M
5.0
5.1
5.26
MAZ40510H
5.14
5.3
5.4
MAZ4056
5.3
5.6
6.0
MAZ40560L
5.3
5.4
5.58
21
 15 40
1
500
−2 1.2 2.5 95 140 Green Blue Blue
MAZ40560M
5.48
5.6
5.76
MAZ40560H
5.66
5.8
5.95
MAZ4062
5.8
6.2
6.6
5.3
MAZ40620L
5.85
6.0
6.15
43
5.3
60
6
20
0.5 300 0.4 2.3 3.7
90 130
Blue
Red
Red
MAZ40620M
6.05
6.2
6.36
5.5
MAZ40620H
6.24
6.4
6.56
5.7
MAZ4068
6.4
6.8
7.2
5.9
MAZ40680L
6.44
6.6
6.77
42
5.9
60
6
15
0.5 140 1.2
3
4.5
85 110
Blue
Gray
Gray
MAZ40680M
6.64
6.8
6.98
6.1
MAZ40680H
6.85
7.0
7.2
6.3
s Electrical characteristics within part numbers T
a = 25°C
• V
Z = 2.0 V to 6.8 V (IZ = 5 mA)
Part number
Zener voltage
Reverse current
VZ (V)
IR1 (µA) IR2 (µA)
RZ (Ω)RZK (Ω)SZ (mV/°C)
IZ = 5 mA
VR
VR
IZ = 5 mA IZ
IZ = 5 mA
Min
Nom Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max
1st.
2nd.
3rd.
Ct (pF)
(VR = 0 V)
f
= 1 MHz
Typ Max
Temperature
coefficient of
zener voltage
Terminal
capaci-
tance
Marking symbol
Color indication
Main body:
Yellowish green



Zener operating
resistance


Similar Part No. - MAZ4036

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ4036 PANASONIC-MAZ4036 Datasheet
76Kb / 6P
   Silicon planar type
MAZ4036 PANASONIC-MAZ4036 Datasheet
117Kb / 5P
   Zener Diodes Silicon planar type
MAZ4036 PANASONIC-MAZ4036 Datasheet
104Kb / 7P
   Silicon planar type
MAZ4036-H PANASONIC-MAZ4036-H Datasheet
76Kb / 6P
   Silicon planar type
MAZ4036-L PANASONIC-MAZ4036-L Datasheet
76Kb / 6P
   Silicon planar type
More results

Similar Description - MAZ4036

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com