Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ40360M Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MAZ40360M
Description  Silicon planar type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ40360M Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MAZ40360M Datasheet HTML 1Page - Panasonic Semiconductor MAZ40360M Datasheet HTML 2Page - Panasonic Semiconductor MAZ40360M Datasheet HTML 3Page - Panasonic Semiconductor MAZ40360M Datasheet HTML 4Page - Panasonic Semiconductor MAZ40360M Datasheet HTML 5Page - Panasonic Semiconductor MAZ40360M Datasheet HTML 6Page - Panasonic Semiconductor MAZ40360M Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MAZ4000 Series
3
SKE00004CED
MAZ4075
7.0
7.5
7.9
6.5
MAZ40750L
7.07
7.3
7.43
51
6.5
60
6
15
0.5 120 2.5
4
5.3
80 100 Purple Green Green
MAZ40750M
7.29
7.5
7.67
6.7
MAZ40750H
7.51
7.7
7.89
7.0
MAZ4082
7.7
8.2
8.7
7.2
MAZ40820L
7.77
7.9
8.17
5
0.5
7.2
60
6
15
0.5 120 3.2 4.6 6.2
75
95
Gray
Red
Red
MAZ40820M
8.03
8.2
8.43
7.5
MAZ40820H
8.29
8.5
8.7
7.7
MAZ4091
8.5
9.1
9.6
8
MAZ40910L
8.58
8.8
9.02
6
0.2
8
60
6
15
0.5 130 3.8 5.5
7
70
90 White Brown Brown
MAZ40910M
8.87
9.1
9.33
8.3
MAZ40910H
9.14
9.4
9.6
8.6
MAZ4100
9.4
10
10.6
8.9
MAZ41000L
9.44
9.7
9.92
7
0.2
8.9
60
8
20
0.5 130 4.5 6.4
8
70
90 Brown Black
MAZ41000M
9.75
10
10.25
9.2
MAZ41000H
10.07 10.3 10.59
9.5
MAZ4110
10.4
11
11.6
9.9
MAZ41100L
10.4
10.7 10.94
7
0.1
9.9
60
10
20
0.5 170 5.4 7.4
9
65
85 Brown Brown
MAZ41100M
10.73
11
11.28
10.2
MAZ41100H
11.05 11.3
11.6
10.5
MAZ4120
11.4
12
12.7
10.9
MAZ41200L
11.4
11.7 11.96
8
0.1
10.9
60
10
25
0.5 170
6
8.4
10
65
85 Brown
Red
MAZ41200M
11.73
12
12.33
11.2
MAZ41200H
12.06 12.3 12.68
11.5
MAZ4130
12.4
13
14.1
11.9
MAZ41300L
12.4
12.7 12.99
9
0.1
11.9
60
10
30
0.5 170
7
9.4
11
60
80 Brown Orange
MAZ41300M
12.73
13
13.4
12.2
MAZ41300H
13.25 13.7 14.08
12.7
MAZ41400M
13.65
14
14.35
9
0.1 13.1 60
10
30
0.5 170
7
10
13
60
80 Brown Yellow
MAZ4150
13.9
15
15.6
13.4
MAZ41500L
13.9
14.3 14.76
10 0.05
13.4
60
10
30
0.5 170 9.2 11.4 13
55
75 Brown Green
MAZ41500M
14.6
15
15.35
14.1
MAZ41500H
14.95 15.3
15.6
14.4
MAZ4160
15.3
16
17.1
14.8
MAZ41600L
15.3
15.7 16.09
11 0.05
14.8
60
10
40
0.5 170 10.4 12.4 14
52
75 Brown Blue
MAZ41600M
15.7
16
16.5
15.2
MAZ41600H
16.26 16.7
17.1
15.7
MAZ4180
16.9
18
19.1
16.4
MAZ41800L
16.9
17.3 17.76
13 0.05
16.4
60
10
45
0.5 170 12.4 14.4 16
47
70 Brown Gray
MAZ41800M
17.55
18
18.45
17
MAZ41800H
18.2
18.7
19.1
17.7
MAZ4200
18.8
20
21.2
18.3
MAZ42000L
18.85 19.3 19.81
14 0.05
18.3
60
15
55
0.5 180 14.4 16.4 18
36
60
Red
Black
MAZ42000M
19.50
20
20.5
19
MAZ42000H
20.15 20.7 21.19
19.6
Part number
Zener voltage
Reverse current
VZ (V)
IR1 (µA) IR2 (µA)
RZ (Ω)RZK (Ω)SZ (mV/°C)
IZ = 5 mA
VR
VR
IZ = 5 mA
IZ
IZ = 5 mA
Min
Nom Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max
1st.
2nd.
3rd.
Ct (pF)
(VR = 0 V)
f
= 1 MHz
Typ Max
s Electrical characteristics within part numbers (continued) T
a = 25°C
• V
Z = 7.5 V to 20 V (IZ = 5 mA)
Temperature
coefficient of
zener voltage
Terminal
capaci-
tance
Marking symbol
Color indication
Main body:
Yellowish green



Zener operating
resistance


Similar Part No. - MAZ40360M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ40360M PANASONIC-MAZ40360M Datasheet
104Kb / 7P
   Silicon planar type
More results

Similar Description - MAZ40360M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com