Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90711SL Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MLX90711SL
Description  Position/movement Sensing Auto-Shutoff
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90711SL Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MLX90711SL Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90711SL Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90711SL Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90711SL Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90711SL Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90711SL Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90711SL Datasheet HTML 10Page - List of Unclassifed Manufacturers MLX90711SL Datasheet HTML 11Page - List of Unclassifed Manufacturers MLX90711SL Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MLX90711
Position/movement Sensing Auto-Shutoff
MLX90711 Position/movement Sensing Auto-Shutoff Page 8
Rev 1.0
15/Sep/00
Application Example
PCB
VSS
VDD1
RD
LEDP
SUM
CA1
CA0
90711
L
Load
N
R1
D1
LED1
D2
C1
REL1
The above drawing shows the electrical schematic of a typical application.
The asic is directly connected to the AC line via a resistor R1 and diode D1, thus supplying the asic during
only the positive cycle of the AC line voltage. A capacitor C1 is therefore added between VDD1 and VSS to
smooth the asic supply voltage. The asic will limit the voltage at VDD1 at approximately 60V. A 12V relay
REL1 can be used to load the pin RD. The relay is driven with a well defined duty cycle to ensure that the re-
lay is driven with the right energy. The relay driver needs a flyback diode D2. A led LED1 can be added to
indicate the state of the asic. If no led is used, it must be replaced by a short circuit.
Special care must be paid to the layout of the sensor on the pcb and to the connections between sensor and
asic. The asic is designed to detect very small variations in capacitance in the sensor. Therefore parasitic ca-
pacitances must be kept as small as possible, and injection of noise must be avoided.


Similar Part No. - MLX90711SL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90720 ETC1-MLX90720 Datasheet
151Kb / 12P
   One Button Timer
More results

Similar Description - MLX90711SL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MXP1020-PS MICROSEMI-MXP1020-PS Datasheet
39Kb / 1P
   Position Sensing Photo Detectors
logo
List of Unclassifed Man...
S1-0009 ETC2-S1-0009 Datasheet
110Kb / 2P
   HIGH LINEARITY POSITION SENSING DETECTOR
1L20- ETC1-1L20- Datasheet
50Kb / 2P
   High Linearity Position Sensing Detector
DL-100-7-KERSMD ETC1-DL-100-7-KERSMD Datasheet
212Kb / 2P
   Position Sensing Photodiodes Special characteristics
DL100-7-KER ETC1-DL100-7-KER Datasheet
217Kb / 2P
   Position Sensing Photodiodes Special characteristics
1L20 ETC1-1L20 Datasheet
61Kb / 2P
   High Linearity Position Sensing Detector
logo
NXP Semiconductors
NTB0101A PHILIPS-NTB0101A_15 Datasheet
376Kb / 19P
   Auto direction sensing dual supply
Rev. 1-14 July 2015
NTB0101A NXP-NTB0101A Datasheet
376Kb / 19P
   Auto direction sensing dual supply
Rev.1-14 July2015
logo
Infineon Technologies A...
TLE5012 INFINEON-TLE5012_10 Datasheet
1Mb / 64P
   GMR-Based Angular Sensor for Rotor-Position Sensing
V 1.0, 2010-11
TLE5012 INFINEON-TLE5012 Datasheet
2Mb / 57P
   GMR-Based Angular Sensor for Rotor Position Sensing
V 0.46, 2009-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com