Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA2735EVB1 Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # QPA2735EVB1
Description  13.75 ??18 GHz GaAs Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPA2735EVB1 Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button QPA2735EVB1 Datasheet HTML 6Page - TriQuint Semiconductor QPA2735EVB1 Datasheet HTML 7Page - TriQuint Semiconductor QPA2735EVB1 Datasheet HTML 8Page - TriQuint Semiconductor QPA2735EVB1 Datasheet HTML 9Page - TriQuint Semiconductor QPA2735EVB1 Datasheet HTML 10Page - TriQuint Semiconductor QPA2735EVB1 Datasheet HTML 11Page - TriQuint Semiconductor QPA2735EVB1 Datasheet HTML 12Page - TriQuint Semiconductor QPA2735EVB1 Datasheet HTML 13Page - TriQuint Semiconductor QPA2735EVB1 Datasheet HTML 14Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
QPA2735
13.75
– 18 GHz GaAs Low Noise Amplifier
Data Sheet Rev. A, June 12 10, 2017 | Subject to change without notice
- 11 of 14 -
www.qorvo.com
Mechanical Drawing & Pad Description
Dimensions in mm
Part Marking:
2735: Part Number
YY = Part Assembly Year
MM = Part Assembly Month
MXXX = Batch ID
Pin Number
Label
Description
1, 3, 9, 11, 17 (slug)
GND
GROUND
2
RF Input
Matched to 50 ohms, DC blocked
4
VG1
Gate Voltage; bias network is required (VG can be tied together at PCB)
6
VG2
Gate Voltage; bias network is required (VG can be tied together at PCB)
8
VG3
Gate Voltage; bias network is required (VG can be tied together at PCB)
10
RF Output
Matched to 50 ohms, DC blocked
12
VD3
Drain Voltage; bias network is required (VD can be tied together at PCB)
14
VD2
Drain Voltage; bias network is required (VD can be tied together at PCB)
16
VD1
Drain Voltage; bias network is required (VD can be tied together at PCB)
5, 7, 13, 15
N/C
No internal connection. Recommend to GND at the PCB level


Similar Part No. - QPA2735EVB1

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA2735EVB1 QORVO-QPA2735EVB1 Datasheet
1Mb / 15P
   13 ??20 GHz GaAs Low Noise Amplifier
More results

Similar Description - QPA2735EVB1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6233 AVAGO-AMMP-6233 Datasheet
619Kb / 8P
   18 to 32 GHz GaAs Low Noise Amplifier
AMMC-6233 AVAGO-AMMC-6233 Datasheet
261Kb / 9P
   18 to 32 GHz GaAs Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6233 BOARDCOM-AMMC-6233 Datasheet
268Kb / 9P
   18 to 32 GHz GaAs Low Noise Amplifier
AMMP-6233 BOARDCOM-AMMP-6233 Datasheet
301Kb / 6P
   18 to 32 GHz GaAs Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC281 HITTITE-HMC281 Datasheet
106Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER 18 - 32 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6233 AVAGO-AMMP-6233_15 Datasheet
301Kb / 6P
   18 to 32 GHz GaAs Low Noise Amplifier
logo
Renesas Technology Corp
F6923 RENESAS-F6923 Datasheet
127Kb / 3P
   Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
logo
Analog Devices
ADL8106 AD-ADL8106 Datasheet
1Mb / 26P
   GaAs, pHEMT, Low Noise Amplifier, 18 GHz to 54 GHz
Rev. 0
logo
Hittite Microwave Corpo...
HMC-ALH445 HITTITE-HMC-ALH445 Datasheet
244Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 18 - 40 GHz
HMC519LC4 HITTITE-HMC519LC4 Datasheet
233Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 31 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com