Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA3350 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # QPA3350
Description  CATV Power Doubler Hybrid 1003MHz 25dB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPA3350 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  QPA3350 Datasheet HTML 1Page - TriQuint Semiconductor QPA3350 Datasheet HTML 2Page - TriQuint Semiconductor QPA3350 Datasheet HTML 3Page - TriQuint Semiconductor QPA3350 Datasheet HTML 4Page - TriQuint Semiconductor QPA3350 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
QPA3350
Data Sheet Rev. B, August 25, 2017 | Subject to change without notice
4 of 5
www.qorvo.com
®
Package Drawing (Dimensions in millimeters)
1 2 3 5 7 8 9
R
O
Q
M
5
10mm
0
scale
B
N
L
F
A
D
H
øG
T
S
P
J
U
I
E
C
K
European
Projection
Nominal
Min
Max
A
44,6
± 0,2
44,4
44,8
B
13,6
± 0,2
13,4
13,8
C
20,4
± 0,5
19,9
20,9
D
8
± 0,15
7,85
8,15
E
12,6
± 0,15
12,45
12,75
F
38,1
± 0,2
37,9
38,3
G
4
+0,2 / -0,05
3,95
4,2
H
4
± 0,2
3,8
4,2
I
25,4
± 0,2
25,2
25,6
J
UNC 6-32
-
-
K
4,2
± 0,2
4,0
4,4
L
27,2
± 0,2
27,0
27,4
M
11,6
± 0,5
11,1
12,1
N
5,8
± 0,4
5,4
6,2
O
0,25
± 0,02
0,23
0,27
P
0,45
± 0,03
0,42
0,48
Q
2,54
± 0,3
2,24
2,84
R
2,54
± 0,5
2,04
3,04
S
2,54
± 0,25
2,29
2,79
T
5,08
± 0,25
4,83
5,33
U
5,08
± 0,25
4,83
5,33
Pin
Name
1
Input
2-3
GND
4
5
V+
6
7-8
GND
9
Output
Pinning:
Notes:


Similar Part No. - QPA3350

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA3350 QORVO-QPA3350 Datasheet
197Kb / 5P
   CATV Power Doubler Hybrid 1003MHz 25dB
More results

Similar Description - QPA3350

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA3248 QORVO-QPA3248 Datasheet
466Kb / 6P
   CATV Power Doubler Hybrid 1003MHz 25dB
QPA3350 QORVO-QPA3350 Datasheet
197Kb / 5P
   CATV Power Doubler Hybrid 1003MHz 25dB
logo
RF Micro Devices
RFPD2670 RFMD-RFPD2670 Datasheet
267Kb / 3P
   25dB Power Doubler Hybrid 40MHz to 1003MHz
logo
TriQuint Semiconductor
QPA3340 TRIQUINT-QPA3340 Datasheet
357Kb / 5P
   CATV Power Doubler Hybrid 1003MHz 23dB
logo
Qorvo, Inc
QPA3238 QORVO-QPA3238 Datasheet
450Kb / 6P
   CATV Power Doubler Hybrid 1003MHz 23dB
logo
TriQuint Semiconductor
QPA3238 TRIQUINT-QPA3238 Datasheet
450Kb / 6P
   CATV Power Doubler Hybrid 1003MHz 23dB
logo
Qorvo, Inc
QPA3340 QORVO-QPA3340 Datasheet
357Kb / 5P
   CATV Power Doubler Hybrid 1003MHz 23dB
logo
Analog Devices
ADCA3990 AD-ADCA3990 Datasheet
233Kb / 9P
   CATV Power Doubler Hybrid
logo
Qorvo, Inc
RFPD3890 QORVO-RFPD3890 Datasheet
131Kb / 3P
   27dB Power Doubler Hybrid 40MHz to 1003MHz
logo
RF Micro Devices
RFPD2660 RFMD-RFPD2660 Datasheet
266Kb / 3P
   23dB Power Doubler Hybrid 40MHz to 1003MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com