Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA9805 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # QPA9805
Description  600 ??1000 MHz 1/2W Balanced Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPA9805 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  QPA9805 Datasheet HTML 1Page - TriQuint Semiconductor QPA9805 Datasheet HTML 2Page - TriQuint Semiconductor QPA9805 Datasheet HTML 3Page - TriQuint Semiconductor QPA9805 Datasheet HTML 4Page - TriQuint Semiconductor QPA9805 Datasheet HTML 5Page - TriQuint Semiconductor QPA9805 Datasheet HTML 6Page - TriQuint Semiconductor QPA9805 Datasheet HTML 7Page - TriQuint Semiconductor QPA9805 Datasheet HTML 8Page - TriQuint Semiconductor QPA9805 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
QPA9805
600 – 1000 MHz 1/2W Balanced Amplifier
Data Sheet May 24, 2017 | Subject to change without notice
- 5 of 11 -
www.qorvo.com
®
Performance Plots
Test conditions unless otherwise noted: VCC = VCC_CTRL1 = +5V, Enable = +1.8 V
, Temp.=+25 °C
16
17
18
19
20
21
500
600
700
800
900
1000
1100
1200
Frequency (MHz)
Gain vs Frequency
+105°C
+85°C
+25°C
−40°C
-40
-35
-30
-25
-20
-15
-10
-5
0
500
600
700
800
900
1000
1100
1200
Frequency (MHz)
Input Return Loss vs Frequency
+105°C
+85°C
+25°C
−40°C
-40
-35
-30
-25
-20
-15
-10
-5
0
500
600
700
800
900
1000
1100
1200
Frequency (MHz)
Output Return Loss vs Frequency
+105°C
+85°C
+25°C
−40°C
30
35
40
45
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20
Pout (dBm/tone)
OIP3 vs Pout/tone vs Temperature
+105°C
+85°C
+25°C
−40°C
Freq = 728 MHz
30
35
40
45
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20
Pout (dBm/tone)
OIP3 vs Pout/tone vs Temperature
+105°C
+85°C
+25°C
−40°C
Freq = 869 MHz
30
35
40
45
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20
Pout (dBm/tone)
OIP3 vs Pout/tone vs Temperature
+105°C
+85°C
+25°C
−40°C
Freq = 960 MHz
30
35
40
45
10
11
12
13
14
15
16
17
18
19
20
Pout (dBm/tone)
OIP3 vs Pout/tone vs Temperature
+105°C
+85°C
+25°C
−40°C
Freq = 617 MHz
24
25
26
27
28
29
610
660
710
760
810
860
910
960
Frequency (MHz)
OP1dB vs Frequency
+105°C
+85°C
+25°C
−40°C
0
1
2
3
4
5
6
7
600
650
700
750
800
850
900
950
1000
Frequency (MHz)
Noise Figure vs Frequency
-40C
25C
85C
105C
Vcc = +5V


Similar Part No. - QPA9805

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA9805 QORVO-QPA9805 Datasheet
929Kb / 13P
   600 ??1000 MHz 1/2W Balanced Amplifier
November 4, 2020
QPA9805EVB-01 QORVO-QPA9805EVB-01 Datasheet
929Kb / 13P
   600 ??1000 MHz 1/2W Balanced Amplifier
November 4, 2020
QPA9805TR13 QORVO-QPA9805TR13 Datasheet
929Kb / 13P
   600 ??1000 MHz 1/2W Balanced Amplifier
November 4, 2020
More results

Similar Description - QPA9805

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA9805 QORVO-QPA9805 Datasheet
929Kb / 13P
   600 ??1000 MHz 1/2W Balanced Amplifier
November 4, 2020
logo
Tyco Electronics
MAAP-007649-000100 MACOM-MAAP-007649-000100 Datasheet
947Kb / 7P
   Ultra Linear 2W Power Amplifier 800 to 1000 MHz
logo
M/A-COM Technology Solu...
MAAP-007649-000100 MA-COM-MAAP-007649-000100 Datasheet
252Kb / 7P
   Ultra Linear 2W Power Amplifier 800 to 1000 MHz
logo
Qorvo, Inc
QPA9801 QORVO-QPA9801_V01 Datasheet
882Kb / 13P
   1805 ??2400 MHz 1/4W Balanced Amplifier
November 1, 2020
QPA9807 QORVO-QPA9807 Datasheet
1Mb / 10P
   2300 ??2700 MHz 1/4W Balanced Amplifier
November 4, 2020
QPA9801 QORVO-QPA9801 Datasheet
913Kb / 11P
   1805 ??2400 MHz 1/4W Balanced Amplifier
QPA9842 QORVO-QPA9842 Datasheet
896Kb / 11P
   2700 ??3800 MHz 1/4W Balanced Amplifier
November 4, 2020
logo
TriQuint Semiconductor
QPA9842 TRIQUINT-QPA9842 Datasheet
645Kb / 8P
   3400 - 3800 MHz 1/4W Balanced Amplifier
QPA9807 TRIQUINT-QPA9807 Datasheet
1,011Kb / 8P
   2300 - 2700 MHz 1/4W Balanced Amplifier
TGA4513-CP TRIQUINT-TGA4513-CP Datasheet
162Kb / 10P
   27 - 31 GHz 2W Balanced Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com