Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPB1500PCB4B01 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # QPB1500PCB4B01
Description  Ku-Band 25 W GaN Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPB1500PCB4B01 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  QPB1500PCB4B01 Datasheet HTML 1Page - TriQuint Semiconductor QPB1500PCB4B01 Datasheet HTML 2Page - TriQuint Semiconductor QPB1500PCB4B01 Datasheet HTML 3Page - TriQuint Semiconductor QPB1500PCB4B01 Datasheet HTML 4Page - TriQuint Semiconductor QPB1500PCB4B01 Datasheet HTML 5Page - TriQuint Semiconductor QPB1500PCB4B01 Datasheet HTML 6Page - TriQuint Semiconductor QPB1500PCB4B01 Datasheet HTML 7Page - TriQuint Semiconductor QPB1500PCB4B01 Datasheet HTML 8Page - TriQuint Semiconductor QPB1500PCB4B01 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
QPB1500
Ku-Band 25 W GaN Power Amplifier
Data Sheet Rev. A, June 26, 2017
- 2 of 14 -
www.qorvo.com
Absolute Maximum Ratings
Parameter
Value / Range
Drain Voltage (VD)
29.5 V
Gate Voltage Range (VG)
−5 to 0 V
Drain Current (ID)
7.2 A
Gate Current (IG)
See plot page 3
Power Dissipation (PDISS), 85 °C
80 W
Input Power (PIN) CW, 50  ,
VD = +28 V, IDQ = 450 mA, 85 °C
34 dBm
Input Power (PIN), CW, VSWR 3:1,
VD = +28 V, IDQ = 450 mA, 85 °C
31 dBm
Channel Temperature (TCH)
275 °C
Mounting Temperature
(30 Seconds)
260 °C
Storage Temperature
−55 to 150 °C
Operation of this device outside the parameter ranges given
above may cause permanent damage. These are stress ratings
only, and functional operation of the device at these conditions is
not implied.
Recommended Operating Conditions
Parameter
Value / Range
Drain Voltage (VD)
28 V
Drain Current (IDQ)
450 mA
Drain Current Under RF Drive
(ID_DRIVE)
See plots page 6
Gate Voltage (VG)
−2.5 V (Typ.)
Gate Current Under RF Drive
(IG_DRIVE)
See plots p. 6
Temperature (TBASE)
−40 to 85 °C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Electrical Specifications
Parameter
Min
Typ
Max
Units
Operational Frequency Range
14.85
15.75
GHz
Small Signal Gain
33
dB
Input Return Loss
10
dB
Output Return Loss
18
dB
Output Power (at PIN = 20 dBm)
44.2
dBm
Power Added Efficiency (at PIN = 20 dBm)
35.5
%
Power Gain (at PIN = 20 dBm)
24.2
dB
IM3 @ 30 dBm/Tone
-29
dBc
Output Power Temperature Coefficient
(25 °C to 85 °C only, PIN = 20 dBm)
−0.024
dBm/°C
Test conditions unless otherwise noted: 25 °C, VD = +20 V, IDQ = 560 mA, VG = −2.5 V typical.


Similar Part No. - QPB1500PCB4B01

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB1000 QORVO-QPB1000 Datasheet
2Mb / 12P
   2.0 ??18.0 GHz 75 Watt Amplifier
QPB1005 QORVO-QPB1005 Datasheet
2Mb / 10P
   2 ??6 GHz 400 W Amplifier
logo
TriQuint Semiconductor
QPB1006 TRIQUINT-QPB1006 Datasheet
1Mb / 11P
   2.0 ??7.5 GHz 150 Watt Amplifier
logo
Qorvo, Inc
QPB1024 QORVO-QPB1024 Datasheet
664Kb / 10P
   8.0 ??11.0 GHz X-Band GaN SSPA
QPB1111 QORVO-QPB1111 Datasheet
890Kb / 11P
   34 ??36 GHz 250 Watt GaN SSPA
More results

Similar Description - QPB1500PCB4B01

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2579-FL TRIQUINT-TGA2579-FL_15 Datasheet
480Kb / 12P
   25 Watt Ku-Band GaN Power Amplifier
logo
WOLFSPEED, INC.
CMPA1D1E025F WOLFSPEED-CMPA1D1E025F Datasheet
2Mb / 19P
   25 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN MMIC, Power Amplifier
Rev. 2.3, 2022-12-13
logo
Cree, Inc
CMPA1D1E025F CREE-CMPA1D1E025F Datasheet
3Mb / 17P
   25 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN MMIC, Power Amplifier
logo
TriQuint Semiconductor
TGA2579-2-FL TRIQUINT-TGA2579-2-FL_15 Datasheet
450Kb / 12P
   20W Ku-Band GaN Power Amplifier
logo
Advanced Semiconductor ...
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
   Ku Band GaN Power Amplifier MMIC
Sept 2015
AGN1440 ASB-AGN1440 Datasheet
577Kb / 11P
   Ku Band GaN Amplifier MMIC
June 2015
logo
TriQuint Semiconductor
TGA2514 TRIQUINT-TGA2514_15 Datasheet
390Kb / 10P
   Ku Band 6.5 W Power Amplifier
QPA1011 TRIQUINT-QPA1011 Datasheet
749Kb / 25P
   25 W GaN Power Amplifier
QPA1011D TRIQUINT-QPA1011D Datasheet
848Kb / 26P
   25 W GaN Power Amplifier
logo
Cree, Inc
CMPA1D1E080F CREE-CMPA1D1E080F Datasheet
1Mb / 11P
   80 W, 13.75 - 14.5 GHz, 40 V, Ku-Band GaN, Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com