Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPB2328 Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # QPB2328
Description  17.5 dB Balanced Return Path Amplifier 5 ??210 MHz
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPB2328 Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button QPB2328 Datasheet HTML 7Page - TriQuint Semiconductor QPB2328 Datasheet HTML 8Page - TriQuint Semiconductor QPB2328 Datasheet HTML 9Page - TriQuint Semiconductor QPB2328 Datasheet HTML 10Page - TriQuint Semiconductor QPB2328 Datasheet HTML 11Page - TriQuint Semiconductor QPB2328 Datasheet HTML 12Page - TriQuint Semiconductor QPB2328 Datasheet HTML 13Page - TriQuint Semiconductor QPB2328 Datasheet HTML 14Page - TriQuint Semiconductor QPB2328 Datasheet HTML 15Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
QPB2328
17.5 dB Balanced Return Path Amplifier 5 – 210 MHz
Data Sheet
–Rev B, August 4, 2017 | Subject to change without notice
- 11 of 21 -
www.qorvo.com
®
Performance Data
– Push-Pull Configuration, 8V


Similar Part No. - QPB2328

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB2328 QORVO-QPB2328 Datasheet
1Mb / 21P
   17.5 dB Balanced Return Path Amplifier 5 ??210 MHz
QPB2328PCK QORVO-QPB2328PCK Datasheet
1Mb / 21P
   17.5 dB Balanced Return Path Amplifier 5 ??210 MHz
QPB2328SQ QORVO-QPB2328SQ Datasheet
1Mb / 21P
   17.5 dB Balanced Return Path Amplifier 5 ??210 MHz
QPB2328SR QORVO-QPB2328SR Datasheet
1Mb / 21P
   17.5 dB Balanced Return Path Amplifier 5 ??210 MHz
QPB2328TR13 QORVO-QPB2328TR13 Datasheet
1Mb / 21P
   17.5 dB Balanced Return Path Amplifier 5 ??210 MHz
More results

Similar Description - QPB2328

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB2328 QORVO-QPB2328 Datasheet
1Mb / 21P
   17.5 dB Balanced Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
QPB3321 TRIQUINT-QPB3321 Datasheet
1Mb / 17P
   17.5 dB Return Path Amplifier 5 ??210 MHz
logo
Qorvo, Inc
QPB3321 QORVO-QPB3321 Datasheet
1Mb / 17P
   17.5 dB Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
QPB2318 TRIQUINT-QPB2318 Datasheet
1Mb / 21P
   15 dB Balanced Return Path Amplifier 5 ??210 MHz
logo
Qorvo, Inc
QPB2318 QORVO-QPB2318 Datasheet
1Mb / 21P
   15 dB Balanced Return Path Amplifier 5 ??210 MHz
QPB3311 QORVO-QPB3311 Datasheet
1Mb / 17P
   15 dB Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
QPB3311 TRIQUINT-QPB3311 Datasheet
1Mb / 17P
   15 dB Return Path Amplifier 5 ??210 MHz
logo
Qorvo, Inc
QPB8896 QORVO-QPB8896 Datasheet
2Mb / 19P
   25 dB Balanced Return Path Amplifier (5 - 700 MHz)
logo
TriQuint Semiconductor
TAT3814 TRIQUINT-TAT3814_15 Datasheet
1Mb / 9P
   5-300 MHz Variable Gain Return Path Amplifier
TAT3814 TRIQUINT-TAT3814 Datasheet
244Kb / 1P
   5-300 MHz Variable Gain Return Path Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com