Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPB2328TR13 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # QPB2328TR13
Description  17.5 dB Balanced Return Path Amplifier 5 ??210 MHz
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPB2328TR13 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  QPB2328TR13 Datasheet HTML 1Page - TriQuint Semiconductor QPB2328TR13 Datasheet HTML 2Page - TriQuint Semiconductor QPB2328TR13 Datasheet HTML 3Page - TriQuint Semiconductor QPB2328TR13 Datasheet HTML 4Page - TriQuint Semiconductor QPB2328TR13 Datasheet HTML 5Page - TriQuint Semiconductor QPB2328TR13 Datasheet HTML 6Page - TriQuint Semiconductor QPB2328TR13 Datasheet HTML 7Page - TriQuint Semiconductor QPB2328TR13 Datasheet HTML 8Page - TriQuint Semiconductor QPB2328TR13 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
QPB2328
17.5 dB Balanced Return Path Amplifier 5 – 210 MHz
Data Sheet
–Rev B, August 4, 2017 | Subject to change without notice
- 2 of 21 -
www.qorvo.com
®
Electrical Specifications
– Push-Pull Configuration, 8V
Parameter
Condition (1)
Min
Typ
Max
Unit
Supply Voltage (VDD)
8
V
Supply Current (IDD)
235
mA
Frequency Range
5
210
MHz
Gain
Full Band
17.8
dB
Gain Flatness
±0.2
dB
Gain Tilt
Gain(210MHz) - Gain(5MHz)
0.15
dB
Input Return Loss
Full Band
19
dB
Output Return Loss
Full Band
25
dB
Reverse Isolation
Full Band
22
dB
Noise Figure
Includes balun loss
3.5
dB
DTO
f1=13MHz, f2=19MHz 61dBmV per tone
70
-dBc
DSO
f1=13MHz, f2=19MHz 61dBmV per tone
82
-dBc
ACLR
Pout = 64dBmV, 5-195MHz OFDM w/ 9.6MHz exclusion
band.
63
dB
OIP2
12dBm/tone, F1 = 113MHz, F2 = 119MHz
93
dBm
OIP3
12dBm/tone, F1 = 113MHz, F2 = 119MHz
46
dBm
Output P1dB
Full Band
27
dBm
Thermal Resistance
ΘJC
12
˚C/W
Notes:
1. Typical performance at these conditions: Temp = +25°C, VDD = +8
V, 75Ω system
Absolute Maximum Ratings
Parameter
Rating
Supply Voltage (VDD)
+10V
Supply Current (IDD)
350mA
Maximum CW Input Power for VDD=8V
+16dBm
Operating Temperature Range
-40 to +85
 °C
Storage Temperature Range
−65 to +150 °C
Maximum Junction Temperature
+150 °C
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute Maximum Rating conditions to the device may
reduce device reliability.


Similar Part No. - QPB2328TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB2328TR13 QORVO-QPB2328TR13 Datasheet
1Mb / 21P
   17.5 dB Balanced Return Path Amplifier 5 ??210 MHz
More results

Similar Description - QPB2328TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB2328 QORVO-QPB2328 Datasheet
1Mb / 21P
   17.5 dB Balanced Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
QPB3321 TRIQUINT-QPB3321 Datasheet
1Mb / 17P
   17.5 dB Return Path Amplifier 5 ??210 MHz
logo
Qorvo, Inc
QPB3321 QORVO-QPB3321 Datasheet
1Mb / 17P
   17.5 dB Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
QPB2318 TRIQUINT-QPB2318 Datasheet
1Mb / 21P
   15 dB Balanced Return Path Amplifier 5 ??210 MHz
logo
Qorvo, Inc
QPB2318 QORVO-QPB2318 Datasheet
1Mb / 21P
   15 dB Balanced Return Path Amplifier 5 ??210 MHz
QPB3311 QORVO-QPB3311 Datasheet
1Mb / 17P
   15 dB Return Path Amplifier 5 ??210 MHz
logo
TriQuint Semiconductor
QPB3311 TRIQUINT-QPB3311 Datasheet
1Mb / 17P
   15 dB Return Path Amplifier 5 ??210 MHz
logo
Qorvo, Inc
QPB8896 QORVO-QPB8896 Datasheet
2Mb / 19P
   25 dB Balanced Return Path Amplifier (5 - 700 MHz)
logo
TriQuint Semiconductor
TAT3814 TRIQUINT-TAT3814_15 Datasheet
1Mb / 9P
   5-300 MHz Variable Gain Return Path Amplifier
TAT3814 TRIQUINT-TAT3814 Datasheet
244Kb / 1P
   5-300 MHz Variable Gain Return Path Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com