Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPB7464SQ Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # QPB7464SQ
Description  CATV 75(ohm) pHEMT Dual RF Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPB7464SQ Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button QPB7464SQ Datasheet HTML 2Page - TriQuint Semiconductor QPB7464SQ Datasheet HTML 3Page - TriQuint Semiconductor QPB7464SQ Datasheet HTML 4Page - TriQuint Semiconductor QPB7464SQ Datasheet HTML 5Page - TriQuint Semiconductor QPB7464SQ Datasheet HTML 6Page - TriQuint Semiconductor QPB7464SQ Datasheet HTML 7Page - TriQuint Semiconductor QPB7464SQ Datasheet HTML 8Page - TriQuint Semiconductor QPB7464SQ Datasheet HTML 9Page - TriQuint Semiconductor QPB7464SQ Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
QPB7464
CATV 75
pHEMT Dual RF Amplifier
Data Sheet –Rev (B), July 5, 2017 | Subject to change without notice
- 6 of 11 -
www.qorvo.com
Performance Plots


Similar Part No. - QPB7464SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB7400 QORVO-QPB7400 Datasheet
962Kb / 13P
   CATV 75 Adjustable Low Gain (9??1dB) RF Amplifier
QPB7400-4000(B) QORVO-QPB7400-4000(B) Datasheet
962Kb / 13P
   CATV 75 Adjustable Low Gain (9??1dB) RF Amplifier
QPB7400PCK QORVO-QPB7400PCK Datasheet
962Kb / 13P
   CATV 75 Adjustable Low Gain (9??1dB) RF Amplifier
QPB7400SB QORVO-QPB7400SB Datasheet
962Kb / 13P
   CATV 75 Adjustable Low Gain (9??1dB) RF Amplifier
QPB7400SQ QORVO-QPB7400SQ Datasheet
962Kb / 13P
   CATV 75 Adjustable Low Gain (9??1dB) RF Amplifier
More results

Similar Description - QPB7464SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TAT7467E1F QORVO-TAT7467E1F Datasheet
614Kb / 13P
   CATV 75 pHEMT Dual RF Amplifier
TAT7430B QORVO-TAT7430B Datasheet
378Kb / 7P
   CATV 75 pHEMT High Gain RF Amplifier
logo
TriQuint Semiconductor
TAT7430B TRIQUINT-TAT7430B Datasheet
388Kb / 7P
   CATV 75 廓 pHEMT High Gain RF Amplifier
TAT7464 TRIQUINT-TAT7464_15 Datasheet
507Kb / 6P
   CATV 75 HEMT Dual RF Amplifier
TAT7469 TRIQUINT-TAT7469_15 Datasheet
484Kb / 11P
   CATV 75 HEMT Dual RF Amplifier
TAT7430B TRIQUINT-TAT7430B_15 Datasheet
388Kb / 7P
   CATV 75 HEMT High Gain RF Amplifier
TAT8884HO TRIQUINT-TAT8884HO_15 Datasheet
150Kb / 4P
   50 1000 MHz 75 Ohm CATV Hybrid Amplifier
TAT7461 TRIQUINT-TAT7461_15 Datasheet
499Kb / 7P
   75 Ohm RF Amplifier 50 1000 MHz
logo
Hittite Microwave Corpo...
HMC770LP4BE_1007 HITTITE-HMC770LP4BE_1007 Datasheet
1Mb / 14P
   GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
HMC770LP4BE HITTITE-HMC770LP4BE_10 Datasheet
949Kb / 14P
   GaAs pHEMT 50 / 75 Ohm DIFFERENTIAL AMPLIFIER, 0.04 - 1 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com