Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPL9095 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # QPL9095
Description  Ultra Low-Noise, Bypass LNA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPL9095 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  QPL9095 Datasheet HTML 1Page - TriQuint Semiconductor QPL9095 Datasheet HTML 2Page - TriQuint Semiconductor QPL9095 Datasheet HTML 3Page - TriQuint Semiconductor QPL9095 Datasheet HTML 4Page - TriQuint Semiconductor QPL9095 Datasheet HTML 5Page - TriQuint Semiconductor QPL9095 Datasheet HTML 6Page - TriQuint Semiconductor QPL9095 Datasheet HTML 7Page - TriQuint Semiconductor QPL9095 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
QPL9095
Ultra Low-Noise, Bypass LNA
Data Sheet July 6, 2017 | Subject to change without notice
2 of 8
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−65 to 150°C
Supply Voltage (VDD)
+7 V
RF Input Power, CW, 50Ω, T=25°C
+30 dBm
Operation of this device outside the parameter ranges given
above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
Supply Voltage (VDD)
3.0
4.2
5.25
V
TCASE
−40
+105
°C
Tj at TCASE = 125°C
+142
°C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Electrical Specifications
Test conditions unless otherwise noted: VDD = +4.2 V, Temp.=+25°C.
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
500
1000
MHz
Test Frequency
900
MHz
Gain
LNA ON, Bypass OFF
20.5
22
23.5
dB
Input Return Loss
LNA ON, Bypass OFF
8.5
dB
Output Return Loss
LNA ON, Bypass OFF
11
dB
Noise Figure (2)
LNA ON, Bypass OFF
0.6
0.9
dB
Output P1dB (1)
LNA ON, Bypass OFF
+18.5
+20
dBm
Output IP3
LNA ON, Bypass OFF,
Pout=+2
dBm/tone, Δf=1 MHz
+30
+33
dBm
Insertion Loss
LNA OFF, Bypass ON
1.2
2.5
dB
Return Loss
LNA OFF, Bypass ON
12
dB
Isolation (1)
LNA OFF, Bypass OFF
15
18
dB
Output IP3
LNA OFF, Bypass ON
Pin=+2
dBm/tone, Δf=1 MHz
+30
+35
dBm
Control Voltage, V1, V2
VIH
1.17
VDD
V
VIL
0
0.63
V
Current, ID
Bypass OFF
40
53
75
mA
Bypass ON
5
mA
Switching Speed
LNA-Bypass (50% Vctrl to 10% RF)
40
ns
Bypass-LNA(50% Vctrl to 90% RF)
185
ns
LNA-OFF(50% Vctrl to 10% RF)
40
ns
OFF-LNA(50% Vctrl to 90% RF)
65
ns
Thermal Resistance, θjc
Channel to case
44
°C/W
1.
Minimum specification listed is guaranteed by design. Not tested in production.
2.
Input trace loss de-embedded from Noise Figure data.
Control Truth Table
VBYP
VSD
State
0
0
LNA ON, Bypass OFF
0
1
LNA OFF, Bypass OFF
1
x
LNA OFF, Bypass ON


Similar Part No. - QPL9095

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPL9095 QORVO-QPL9095 Datasheet
976Kb / 10P
   Ultra Low-Noise, Bypass LNA
July 21, 2020
QPL9095EVB01 QORVO-QPL9095EVB01 Datasheet
976Kb / 10P
   Ultra Low-Noise, Bypass LNA
July 21, 2020
QPL9095TR7 QORVO-QPL9095TR7 Datasheet
976Kb / 10P
   Ultra Low-Noise, Bypass LNA
July 21, 2020
More results

Similar Description - QPL9095

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPL9097 TRIQUINT-QPL9097 Datasheet
704Kb / 9P
   Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
QPL9095 QORVO-QPL9095 Datasheet
976Kb / 10P
   Ultra Low-Noise, Bypass LNA
July 21, 2020
QPL9098 QORVO-QPL9098 Datasheet
2Mb / 17P
   Ultra-Low Noise, Bypass LNA
July 25, 2020
logo
TriQuint Semiconductor
QPL9096 TRIQUINT-QPL9096 Datasheet
956Kb / 10P
   Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
TQL9063 QORVO-TQL9063 Datasheet
668Kb / 12P
   Ultra Low-Noise, Bypass LNA
QPL9097 QORVO-QPL9097 Datasheet
859Kb / 11P
   Ultra-Low Noise, Bypass LNA
September 21, 2018
QPL9096 QORVO-QPL9096 Datasheet
956Kb / 10P
   Ultra Low-Noise, Bypass LNA
July 5, 2017
QPL9065 QORVO-QPL9065 Datasheet
3Mb / 12P
   Ultra Low-Noise 2-Stage Bypass LNA
TQP3M9036 QORVO-TQP3M9036 Datasheet
832Kb / 12P
   Ultra-Low Noise, High Linearity LNA
logo
TriQuint Semiconductor
TQL9092 TRIQUINT-TQL9092 Datasheet
574Kb / 9P
   Ultra Low Noise, Flat Gain LNA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com