Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPL9096TR7 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # QPL9096TR7
Description  Ultra Low-Noise, Bypass LNA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPL9096TR7 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button QPL9096TR7 Datasheet HTML 2Page - TriQuint Semiconductor QPL9096TR7 Datasheet HTML 3Page - TriQuint Semiconductor QPL9096TR7 Datasheet HTML 4Page - TriQuint Semiconductor QPL9096TR7 Datasheet HTML 5Page - TriQuint Semiconductor QPL9096TR7 Datasheet HTML 6Page - TriQuint Semiconductor QPL9096TR7 Datasheet HTML 7Page - TriQuint Semiconductor QPL9096TR7 Datasheet HTML 8Page - TriQuint Semiconductor QPL9096TR7 Datasheet HTML 9Page - TriQuint Semiconductor QPL9096TR7 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
QPL9096
Ultra Low-Noise, Bypass LNA
Data Sheet July 5, 2017 | Subject to change without notice
10 of 10
www.qorvo.com
®
RoHS Compliance
This part is compliant with 2011/65/EU RoHS directive (Restrictions on the Use of Certain Hazardous Substances in Electrical and
Electronic Equipment) as amended by Directive 2015/863/EU.
This product also has the following attributes:
 Lead Free
 Halogen Free (Chlorine, Bromine)
 Antimony Free
 TBBP-A (C15H12Br402) Free
PFOS Free
 SVHC Free
Handling Precautions
Parameter
Rating
Standard
Caution!
ESD-Sensitive Device
ESD – Human Body Model (HBM)
Class 1B
ESDA / JEDEC JS-001-2014
ESD – Charged Device Model (CDM)
Class C3
ESDA / JEDEC JS-002-2014
MSL – Moisture Sensitivity Level
Level 1
IPC/JEDEC J-STD-020
Solderability
Compatible with lead-free (260°C max. reflow temp.) soldering process.
Solder profiles available upon request.
Contact plating: NiPdAu
Important Notice
The information contained herein is believed to be reliable; however, Qorvo makes no warranties regarding the information contained
herein and assumes no responsibility or liability whatsoever for the use of the information contained herein. All information contained
herein is subject to change without notice. Customers should obtain and verify the latest relevant information before placing orders for
Qorvo products. The information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or anything described by
such information. THIS INFORMATION DOES NOT CONSTITUTE A WARRANTY WITH RESPECT TO THE PRODUCTS DESCRIBED
HEREIN, AND QORVO HEREBY DISCLAIMS ANY AND ALL WARRANTIES WITH RESPECT TO SUCH PRODUCTS WHETHER
EXPRESS OR IMPLIED BY LAW, COURSE OF DEALING, COURSE OF PERFORMANCE, USAGE OF TRADE OR OTHERWISE,
INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE.
Without limiting the generality of the foregoing, Qorvo products are not warranted or authorized for use as critical components in medical,
life-saving, or life-sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.
Copyright 2016 © Qorvo, Inc. | Qorvo is a registered trademark of Qorvo, Inc.
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations:
Web: www.qorvo.com
Tel: 1-844-890-8163
Email: customer.support@qorvo.com
For technical questions and application information:
Email:
appsupport@qorvo.com
Pb


Similar Part No. - QPL9096TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPL9096TR7 QORVO-QPL9096TR7 Datasheet
956Kb / 10P
   Ultra Low-Noise, Bypass LNA
July 5, 2017
More results

Similar Description - QPL9096TR7

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPL9097 TRIQUINT-QPL9097 Datasheet
704Kb / 9P
   Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
QPL9095 QORVO-QPL9095 Datasheet
976Kb / 10P
   Ultra Low-Noise, Bypass LNA
July 21, 2020
logo
TriQuint Semiconductor
QPL9095 TRIQUINT-QPL9095 Datasheet
837Kb / 8P
   Ultra Low-Noise, Bypass LNA
logo
Qorvo, Inc
QPL9098 QORVO-QPL9098 Datasheet
2Mb / 17P
   Ultra-Low Noise, Bypass LNA
July 25, 2020
TQL9063 QORVO-TQL9063 Datasheet
668Kb / 12P
   Ultra Low-Noise, Bypass LNA
QPL9097 QORVO-QPL9097 Datasheet
859Kb / 11P
   Ultra-Low Noise, Bypass LNA
September 21, 2018
QPL9096 QORVO-QPL9096 Datasheet
956Kb / 10P
   Ultra Low-Noise, Bypass LNA
July 5, 2017
QPL9065 QORVO-QPL9065 Datasheet
3Mb / 12P
   Ultra Low-Noise 2-Stage Bypass LNA
TQP3M9036 QORVO-TQP3M9036 Datasheet
832Kb / 12P
   Ultra-Low Noise, High Linearity LNA
logo
TriQuint Semiconductor
TQL9092 TRIQUINT-TQL9092 Datasheet
574Kb / 9P
   Ultra Low Noise, Flat Gain LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com