Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFAM3620SQ Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # RFAM3620SQ
Description  CATV Edge QAM MCM 1218MHz 36dB
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

RFAM3620SQ Datasheet(HTML) 3 Page - TriQuint Semiconductor

  RFAM3620SQ Datasheet HTML 1Page - TriQuint Semiconductor RFAM3620SQ Datasheet HTML 2Page - TriQuint Semiconductor RFAM3620SQ Datasheet HTML 3Page - TriQuint Semiconductor RFAM3620SQ Datasheet HTML 4Page - TriQuint Semiconductor RFAM3620SQ Datasheet HTML 5Page - TriQuint Semiconductor RFAM3620SQ Datasheet HTML 6Page - TriQuint Semiconductor RFAM3620SQ Datasheet HTML 7Page - TriQuint Semiconductor RFAM3620SQ Datasheet HTML 8Page - TriQuint Semiconductor RFAM3620SQ Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RFAM3620
Data Sheet Rev.F, June 7, 2017 | Subject to change without notice
3 of 10
www.qorvo.com
®
Electrical Specifications – part 2
Parameter
Conditions (V+=12V, TMB=30°C, ZS=ZL=75Ω, ATT=0dB)
Min
Typ
Max
Units
Adjacent Channel Power Ratio
(ACPR); N=4 contiguous 256QAM
channels
Channel Power = 58 dBmV;
Adjacent channel up to 750 kHz from channel block
edge, f= 50 to 1000 MHz
-58
dBc
Channel Power = 58 dBmV;
Adjacent channel (750 kHz from channel block edge to
6 MHz from channel block edge), f= 50 to 1000 MHz
-60
dBc
Channel Power = 58 dBmV;
Next-adjacent channel (6 MHz from channel block edge
to 12 MHz from channel block edge), f= 50 to 1000 MHz
-63
dBc
Channel Power = 58 dBmV;
Third-adjacent channel (12 MHz from channel block edge
to 18 MHz from channel block edge), f= 50 to 1000 MHz
-65
dBc
2nd Order Harmonic (HD2);
N=1 256QAM channel
Channel Power = 66 dBmV;
In each of 2N contiguous 6 MHz channels coinciding with
2nd harmonic components (up to 1000MHz)
-63
dBc
3rd Order Harmonic (HD3);
N=1 256QAM channel
Channel Power = 66 dBmV;
In each of 3N contiguous 6 MHz channels coinciding with
3rd harmonic components (up to 1000MHz)
-63
dBc
CTB
Vo=48 dBmV, flat, 79 analog channels
plus 75 digital channels (-6dB offset) [4]
-73
dBc
XMOD
-70
dBc
CSO
-75
dBc
CIN
64
dB
1.
The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
2.
Logic high is defined as power enable voltage >2V
3.
Logic low is defined as power enable voltage <0.4V
4.
79 analog channels, NTSC frequency raster: 55.25MHz to 547.25MHz, +48dBmV flat output level, plus 75 digital channels, -6dB offset relative
to the equivalent analog carrier.
Composite Second Order (CSO) - The CSO parameter (both sum and difference products) is defined by ANSI/SCTE 6. Composite Triple Beat
(CTB) The CTB parameter is defined by ANSI/SCTE 6. Cross Modulation (XMOD) - Cross modulation (XMOD) is measured at baseband
(selective voltmeter method), referenced to 100% modulation of the carrier being tested. Carrier to Intermodulation Noise (CIN) - The CIN
parameter is defined by ANSI/SCTE 17 (Test procedure for carrier to noise).


Similar Part No. - RFAM3620SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFAM3620SB QORVO-RFAM3620SB Datasheet
592Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
Rev. K, Oct 07, 2021
RFAM3620SR QORVO-RFAM3620SR Datasheet
592Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
Rev. K, Oct 07, 2021
More results

Similar Description - RFAM3620SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFAM3790 RFMD-RFAM3790 Datasheet
309Kb / 7P
   45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
logo
Qorvo, Inc
QPA4425 QORVO-QPA4425 Datasheet
2Mb / 15P
   75 25dB CATV Amplifier 47 ??1218MHz
RFPP3870 QORVO-RFPP3870 Datasheet
195Kb / 4P
   CATV Push Pull Hybrid 1218MHz 28dB
QPA3358 QORVO-QPA3358 Datasheet
258Kb / 4P
   CATV Push Pull Hybrid 1218MHz 34dB
QPB8858 QORVO-QPB8858 Datasheet
1Mb / 13P
   75 34dB CATV Amplifier 47 ??1218MHz
QPA3357 QORVO-QPA3357 Datasheet
256Kb / 4P
   CATV Power Doubler Hybrid 1218MHz 28dB
QPA3359 QORVO-QPA3359 Datasheet
255Kb / 4P
   CATV Push Pull Hybrid 1218MHz 28dB
QPA3357 QORVO-QPA3357_V01 Datasheet
257Kb / 4P
   CATV Power Doubler Hybrid 1218MHz 28dB
October 28, 2019
QPA3250 QORVO-QPA3250 Datasheet
581Kb / 7P
   CATV Power Doubler Hybrid 1218MHz 23dB
QPB8857 QORVO-QPB8857 Datasheet
1Mb / 14P
   75 28dB CATV Doubler Amplifier 47 ??1218MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com