Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFAM3620PCBA-410 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # RFAM3620PCBA-410
Description  CATV Edge QAM MCM 1218MHz 36dB
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

RFAM3620PCBA-410 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button RFAM3620PCBA-410 Datasheet HTML 2Page - TriQuint Semiconductor RFAM3620PCBA-410 Datasheet HTML 3Page - TriQuint Semiconductor RFAM3620PCBA-410 Datasheet HTML 4Page - TriQuint Semiconductor RFAM3620PCBA-410 Datasheet HTML 5Page - TriQuint Semiconductor RFAM3620PCBA-410 Datasheet HTML 6Page - TriQuint Semiconductor RFAM3620PCBA-410 Datasheet HTML 7Page - TriQuint Semiconductor RFAM3620PCBA-410 Datasheet HTML 8Page - TriQuint Semiconductor RFAM3620PCBA-410 Datasheet HTML 9Page - TriQuint Semiconductor RFAM3620PCBA-410 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
RFAM3620
Data Sheet Rev.F, June 7, 2017 | Subject to change without notice
9 of 10
www.qorvo.com
®
PCB Metal Land Pattern (Dimensions in millimeters)
RECOMMENDED LAND PATTERN
RECOMMENDED LAND PATTERN MASK
Notes:
1. All dimensions are in millimeters. Angles are in degrees.
2. Use 2 oz. copper minimum for top and bottom layer metal.
3. Vias are required under the backside paddle of this device for proper RF/DC grounding and thermal dissipation. We recommend a 0.35mm
(#80/.0135") diameter bit for drilling via holes and a final plated thru diameter of 0.25mm (0.10”).
4. Ensure good package backside paddle solder attach for reliable operation and best electrical performance.
5. Place mounting screws near the part to fasten a back side heat sink.
6. Do not apply solder mask to the back side of the PC board in the heat sink contact region.
7. Ensure that the backside via region makes good physical contact with the heat sink.
10.80REF
10.80REF
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
0
2.500
3.500
4.750
DETAIL A
PAD
21x THIS ROTATION
0.600
0.600
0
4.200
4.200
2.500
1.250
3.500
4.750
5.100
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
0
2.500
3.500
4.750
DETAIL A
PAD
21x THIS ROTATION
0.700
0.700
0
4.250
4.250
2.500
1.250
3.500
4.750
5.100
A
10.90REF
10.90REF


Similar Part No. - RFAM3620PCBA-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFAM3620PCBA-410 QORVO-RFAM3620PCBA-410 Datasheet
592Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
Rev. K, Oct 07, 2021
More results

Similar Description - RFAM3620PCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFAM3790 RFMD-RFAM3790 Datasheet
309Kb / 7P
   45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
logo
Qorvo, Inc
QPA4425 QORVO-QPA4425 Datasheet
2Mb / 15P
   75 25dB CATV Amplifier 47 ??1218MHz
RFPP3870 QORVO-RFPP3870 Datasheet
195Kb / 4P
   CATV Push Pull Hybrid 1218MHz 28dB
QPA3358 QORVO-QPA3358 Datasheet
258Kb / 4P
   CATV Push Pull Hybrid 1218MHz 34dB
QPB8858 QORVO-QPB8858 Datasheet
1Mb / 13P
   75 34dB CATV Amplifier 47 ??1218MHz
QPA3357 QORVO-QPA3357 Datasheet
256Kb / 4P
   CATV Power Doubler Hybrid 1218MHz 28dB
QPA3359 QORVO-QPA3359 Datasheet
255Kb / 4P
   CATV Push Pull Hybrid 1218MHz 28dB
QPA3357 QORVO-QPA3357_V01 Datasheet
257Kb / 4P
   CATV Power Doubler Hybrid 1218MHz 28dB
October 28, 2019
QPA3250 QORVO-QPA3250 Datasheet
581Kb / 7P
   CATV Power Doubler Hybrid 1218MHz 23dB
QPB8857 QORVO-QPB8857 Datasheet
1Mb / 14P
   75 28dB CATV Doubler Amplifier 47 ??1218MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com