Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G58YZAR Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LVC1G58YZAR
Description  CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G58YZAR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC1G58YZAR Datasheet HTML 6Page - Texas Instruments SN74LVC1G58YZAR Datasheet HTML 7Page - Texas Instruments SN74LVC1G58YZAR Datasheet HTML 8Page - Texas Instruments SN74LVC1G58YZAR Datasheet HTML 9Page - Texas Instruments SN74LVC1G58YZAR Datasheet HTML 10Page - Texas Instruments SN74LVC1G58YZAR Datasheet HTML 11Page - Texas Instruments SN74LVC1G58YZAR Datasheet HTML 12Page - Texas Instruments SN74LVC1G58YZAR Datasheet HTML 13Page - Texas Instruments SN74LVC1G58YZAR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MECHANICAL DATA
MPDS114 – FEBRUARY 2002
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DCK (R-PDSO-G6)
PLASTIC SMALL-OUTLINE PACKAGE
0,15
Gage Plane
0,10
M
0,10
0,65
0
°–8°
0,46
0,26
0,13 NOM
4093553-3/D 01/02
0,15
0,30
1,40
1,10
2,40
1,80
4
6
2,15
1,85
1
3
1,10
0,80
0,10
0,00
Seating Plane
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. Falls within JEDEC MO-203


Similar Part No. - SN74LVC1G58YZAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G58YZPR TI1-SN74LVC1G58YZPR Datasheet
1Mb / 24P
[Old version datasheet]   Configurable Multiple-Function Gate
More results

Similar Description - SN74LVC1G58YZAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com