Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB225KKG035D-2C Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB225KKG035D-2C
Description  General Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB225KKG035D-2C Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB225KKG035D-2C Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKG035D-2C Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKG035D-2C Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKG035D-2C Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKG035D-2C Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKG035D-2C Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKG035D-2C Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKG035D-2C Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. UB225KKG035D-2C Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Series UB2
Low Profile Pushbuttons
D95
D
www.nkkswitches.com
TYPICAL SWITCH
ORDERING EXAMPLE
5C
1JC
LEDS
Sculptured Cap Lens/Diffuser Color
1JB
Clear/White
Beveled Cap & Color
2B
White
Flat Cap Lens/Diffuser Color
3JB
Clear/White
Sculptured Cap with Alternating Legend
4JCF
Clear; Red/Green
4JDG
Clear; Amber/Blue
Flat Cap with Alternating Legend
5JCF
Clear; Red/Green
5JDG
Clear; Amber/Blue
Bright LED
5C
Red
5D
Amber
5F
Green
Super Bright Bicolor LED
6CF
Red/Green
6DG
Amber/Blue
Super Bright LED
6B
White
6F
Green
6G
Blue
Sculptured Cap Lens/Diffuser Colors
1JB
Clear/White
1JC
Clear/Red
1JD
Clear/Amber
1JF
Clear/Green
Beveled Cap & Colors
2B
White
2C
Red
2D
Amber
2F
Green
Flat Cap Lens/Diffuser Colors
3JB
Clear/White
3JC
Clear/Red
3JD
Clear/Amber
3JF
Clear/Green
Sculptured Cap Lens/Diffuser Color
1JB
Clear/White
Beveled Cap & Color
2B
White
Flat Cap Lens/Diffuser Color
3JB
Clear/White
Cap Types & Colors
Nonilluminated
N
Nonilluminated
Sculptured Cap Lens/Insert Colors
4JA Clear/Black 4JD Clear/Amber
4JB Clear/White 4JF Clear/Green
4JC Clear/Red
Beveled Cap & Colors
5A Black
5D Amber
5B White
5F Green
5C Red
Alternating Legends
11 ON (pos)
OFF (pos)
12 ON (neg) OFF (neg)
13 START
STOP
14 OPEN
CLOSE
See Part Numbers Table on
Previous Page.
Contact factory for custom
options.


Similar Part No. - UB225KKG035D-2C

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB225KKG035D-1JB NKK-UB225KKG035D-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
More results

Similar Description - UB225KKG035D-2C

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com