Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3500F Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # R3500F
Description  0.2A Fast Recovery High Voltage Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

R3500F Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  R3500F Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd R3500F Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd R3500F Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS AND CHARACTERISTICS CURVES
FIG. 5-MAXIMUM FORWARD SURGE
VS NUMBER OF CYCLES
30
24
18
12
6
0
1
10
100
NO. OF CYCLES AT 60HZ
FIG. 6-TYPICAL JUNCTION CAPACITANCE
100
10
1
1
10
100
VR-REVERSE VOLAGE (V)
VF-FORWARD VOLAGE (V)
FIG. 7-TYPICAL FORWARD
CHARACTERISTICS
1
0.1
0.01
0.001
0
2.0
4.0
6.0
8.0
10
12
14
16
R5000F~6000F
R3500F~4000F
R5000F~6000F
R3500F~4000F
R3500F~4000F
R5000F~6000F
R3500F-R6000F
0.2A Fast Recovery High Voltage Rectifier
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1
PACKAGE
SPQ/PCS
CARTON
SPQ/PCS
CARTON
SIZE/CM
CARTON
GW/KG
CARTON
NW/KG
DO-15
3000/AMMO
30000
42X28X31
12.00
10.00


Similar Part No. - R3500F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
R3500F MCC-R3500F Datasheet
67Kb / 3P
   0.2mA Fast Recovery High Voltage Rectifier 3500 - 6000 Volts
More results

Similar Description - R3500F

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
GF235 TAITRON-GF235 Datasheet
136Kb / 4P
   0.2A High Voltage Fast Recovery Rectifiers
GF225 TAITRON-GF225 Datasheet
128Kb / 4P
   0.2A High Voltage Fast Recovery Rectifiers
logo
GETAI ELECTRONICS DEVIC...
RFC3K GETEDZ-RFC3K Datasheet
549Kb / 2P
   0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
RFC4K GETEDZ-RFC4K Datasheet
549Kb / 2P
   0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
RFC5K GETEDZ-RFC5K Datasheet
549Kb / 2P
   0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
logo
Shenzhen Luguang Electr...
R1200F LUGUANG-R1200F Datasheet
246Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25 Datasheet
129Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
FV5M-04-LFR FRONTIER-FV5M-04-LFR Datasheet
122Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
RC0100 SSDI-RC0100_15 Datasheet
30Kb / 1P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR05-10 FRONTIER-FR05-10_16 Datasheet
1Mb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com