Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA200 Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # TPA200
Description  Telecommunication Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

TPA200 Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  TPA200 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd TPA200 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd TPA200 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd TPA200 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Vout
Auto
Transformer
220V/2A
static
relay.
Transformer
220V/800V
5A
k
IBO
measure
140
R1
R2
240
D.U.T
VBO
measure
tp=20ms
Vp
D.U.T.
R
Surge generator
VBAT=-48V
This is a GO-NOGOTest which allow s to confirmthe holding current (IH) level in a functional
test circuit.
TEST PROCEDURE :
1) Adjust the current level at the IH value by short circuiting the AK of the D.U.T.
2) Fire the D.U.T w ith a surge
current : Ipp = 10A , 10/1000 ms.
3) The D.U.T w ill come back off-state w ithin 50ms max.
TEST CIRCUIT 1 FOR IBO AND VBO PARAMETERS:
TEST CIRCUIT 2 FOR IH PARAMETER:
TEST PROCEDURE :
Pulse Test duration (tp = 20ms):
- For Bidirectional devices = SwitchK is closed
- For Unidirectional devices = Sw itch K is open.
VOUT Selection
- Device with VBO < 200 Volt
- VOUT = 250 VRMS, R1 = 140 Ω.
- Device with VBO
200 Volt
- VOUT = 480 VRMS, R2 = 240Ω.
Ratings AND Charactieristic Curves
TPA Series
Telecommunication Protection
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - TPA200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
53Kb / 5P
   TRISIL
TPA200 STMICROELECTRONICS-TPA200 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
logo
Galaxy Semi-Conductor H...
TPA200 BILIN-TPA200 Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
Shenzhen Taychipst Elec...
TPA200 TAYCHIPST-TPA200 Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
More results

Similar Description - TPA200

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
SMTPA68 LUGUANG-SMTPA68 Datasheet
529Kb / 6P
   Telecommunication Protection
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
   SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
logo
Vishay Siliconix
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
232266.9 VISHAY-232266.9 Datasheet
75Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
01-Jan-2022
2322661 VISHAY-2322661 Datasheet
68Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com