Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB215SKW015C-2D Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB215SKW015C-2D
Description  General Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB215SKW015C-2D Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB215SKW015C-2D Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB215SKW015C-2D Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB215SKW015C-2D Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB215SKW015C-2D Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB215SKW015C-2D Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB215SKW015C-2D Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB215SKW015C-2D Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB215SKW015C-2D Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. UB215SKW015C-2D Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Series UB2
Low Profile Pushbuttons
D94
D
www.nkkswitches.com
1
SK
G
03
UB2
5
Terminals
01
Solder Lug
(for Snap-in
Mounting)
03 Straight PC
Mounting Types
PCB Mounting
SK
Square
* Snap-in Mounting
KK
Square
* Standard with
Solder Lug terminals
Poles
1
SPDT
2
DPDT
Circuits
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action
with Latchdown
Contacts & Ratings
W
Silver Rated 5A
@ 125/250V AC
G
Gold Rated 0.4VA max
@ 28V AC/DC max
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
UB215SKG035C-1JC
SPDT
ON-(ON) Circuit
Gold Contacts
with 0.4VA Rating
Square with PCB Mounting
Straight PC Terminals
Red, Bright LED and
Sculptured Cap with
Clear Lens and Red Diffuser
TYPICAL SWITCH
ORDERING EXAMPLE
IMPORTANT:
Switches are supplied without UL & cULus marking unless
specified. UL & cULus recognized only when ordered with
marking on switch. Specific models, ratings, & ordering
instructions are noted on the General Specifications page.
Part Numbers for Alternating Legends
Color
15mm Square Sculptured Cap
15mm Square Flat Cap
Part Number
Part Number
Red/Green
AT3069JCF11 ~ AT3069JCF14
AT3070JCF11 ~ AT3070JCF14
Amber/Blue
AT3069JDG11 ~ AT3069JDG14 AT3070JDG11 ~ AT3070JDG14
Refer to Ordering Table for Alternating Legend that
corresponds with last 2 digits of part number.


Similar Part No. - UB215SKW015C-2D

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB215SKW015C-1JB NKK-UB215SKW015C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
UB215SKW015C-1JC NKK-UB215SKW015C-1JC Datasheet
404Kb / 12P
   Low Profile Pushbuttons
More results

Similar Description - UB215SKW015C-2D

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com