Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D61L4B-0.85HZ Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # D61L4B-0.85HZ
Description  4-Pole Filters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D61L4B-0.85HZ Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  D61L4B-0.85HZ Datasheet HTML 1Page - Frequency Devices, Inc. D61L4B-0.85HZ Datasheet HTML 2Page - Frequency Devices, Inc. D61L4B-0.85HZ Datasheet HTML 3Page - Frequency Devices, Inc. D61L4B-0.85HZ Datasheet HTML 4Page - Frequency Devices, Inc. D61L4B-0.85HZ Datasheet HTML 5Page - Frequency Devices, Inc. D61L4B-0.85HZ Datasheet HTML 6Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
0.02 Hz to 1.00 Hz
Fixed Frequency
D61 Series
32-Pin DIP
4 - Pole Filters
Available Low-Pass Models: . . . . . . . . . . .Page
D61L4B
4-pole Butterworth . . . . . . . . . . . . . . . .2
D61L4L
4-pole Bessel . . . . . . . . . . . . . . . . . . . .2
Available High-Pass Models: . . . . . . . . . . . . . . .
D61H4B
4-pole Butterworth . . . . . . . . . . . . . . . .2
General Specifications:
Pin-out/package data & ordering information . . . .3
Description
The D61 Series of small 4-pole fixed-frequency,
precision active filters provide high performance
linear active filtering in a compact 32-pin DIP
package,
with
a
broad
range
of
corner
frequencies and a choice of transfer functions.
Individual D61 filters can serve in low-pass or high-
pass applications or be combined to create custom
band-pass or band reject filters. These fully self-
contained units require no external components or
adjustments. Each model comes factory tuned to a
user-specified corner frequency between 0.02 Hz
and 1.00 Hz and operate with low total harmonic
distortion over a wide dynamic input voltage range
from non-critical +/-5V to +/-18V power supplies.
Applications
• Anti-alias filtering
• Data acquisition systems
• Communication systems and electronics
• Medical electronics equipment and research
• Aerospace, navigation and sonar applications
• Sound and vibration testing
• Acoustic and vibration analysis and control
• Noise elimination
• Signal reconstruction
Features/Benefits:
• Low harmonic distortion and wide signal-to-noise
ratio
• Compact 1.8"L x 0.8"W x 0.5"H minimizes board
space requirements.
• Plug-in ready-to-use, reducing engineering design
and manufacturing cycle time.
• Factory tuned, no external clocks or adjustments
needed
• Broad range of transfer characteristics and corner
frequencies to meet a wide range of applications.


Similar Part No. - D61L4B-0.85HZ

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D61L4B FREQUENCYDEVICES-D61L4B Datasheet
701Kb / 6P
   32-Pin DIP 4 - Pole Filters
More results

Similar Description - D61L4B-0.85HZ

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D70L8B FREQUENCYDEVICES-D70L8B Datasheet
672Kb / 14P
   DIP Filters 8-, 6-, 4-Pole Filters
854L8B-1 FREQUENCYDEVICES-854L8B-1 Datasheet
1Mb / 13P
   2" x 4" 4-Pole Filters
logo
List of Unclassifed Man...
854L8B ETC1-854L8B Datasheet
432Kb / 13P
   2 X 4 4-Pole Filters
logo
Frequency Devices, Inc.
D824 FREQUENCYDEVICES-D824 Datasheet
544Kb / 13P
   Differential Input 4-Pole Filters
D74L4B FREQUENCYDEVICES-D74L4B Datasheet
773Kb / 6P
   16 Pin DIP 4-Pole Filters
D64L4B FREQUENCYDEVICES-D64L4B Datasheet
533Kb / 11P
   32-Pin DIP 4 - Pole Filters
D68BP4 FREQUENCYDEVICES-D68BP4 Datasheet
572Kb / 6P
   Fixed Frequency 4-Pole Pair Filters
logo
List of Unclassifed Man...
858L8B ETC1-858L8B Datasheet
540Kb / 19P
   2 X 4 8-Pole Filters
DP74 ETC1-DP74 Datasheet
558Kb / 6P
   16 Pin DIP 4-Pole Filters
logo
Frequency Devices, Inc.
424L4B-1 FREQUENCYDEVICES-424L4B-1 Datasheet
840Kb / 12P
   32-Pin DIP 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com